Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8532 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8532 Datasheet HTML 1Page - NXP Semiconductors PCF8532 Datasheet HTML 2Page - NXP Semiconductors PCF8532 Datasheet HTML 3Page - NXP Semiconductors PCF8532 Datasheet HTML 4Page - NXP Semiconductors PCF8532 Datasheet HTML 5Page - NXP Semiconductors PCF8532 Datasheet HTML 6Page - NXP Semiconductors PCF8532 Datasheet HTML 7Page - NXP Semiconductors PCF8532 Datasheet HTML 8Page - NXP Semiconductors PCF8532 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
4 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
In most applications SDA and SDAACK can be tied together.
[2]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
7.
Functional description
The PCF8532 is a versatile peripheral device designed to interface any
microprocessor or microcontroller to a wide variety of LCDs. It can directly drive any static
or multiplexed LCD containing up to four backplanes and up to 160 segments.
The display configurations possible with the PCF8532 depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4.
All of the display configurations can be implemented in a typical system as shown in
Figure 3.
Table 3.
Pin description
Symbol
Pin
Description
SDAACK
1 to 3
[1]
I2C-bus acknowledge output
SDA
4 to 6
[1]
I2C-bus serial data input
SCL
7 to 9
I2C-bus serial clock input
CLK
10
clock input/output
VDD
11 to 13
supply voltage
SYNC
14
cascade synchronization input/output
OSC
15
selection of internal or external clock
T1, T2 and T3
16, 17 and 18 to 20
dedicated testing pins; to be tied to
VSS in application mode
A0 and A1
21, 22
subaddress inputs
SA0
23
I2C-bus slave address input
VSS
24 to 26
[2]
logic ground
VLCD
27 to 29
LCD supply voltage
BP2 and BP0
30, 31
LCD backplane outputs
S0 to S79
32 to 111
LCD segment outputs
BP0, BP2, BP1 and BP3 112 to 115
LCD backplane outputs
S80 to S159
116 to 195
LCD segment outputs
BP3 and BP1
196, 197
LCD backplane outputs
Table 4.
Possible display configurations
Number of
7-segment numeric
14-segment numeric
Dot matrix
Backplanes
Elements
Digits
Indicator
symbols
Characters
Indicator
symbols
4
640
80
80
40
80
640 dots (4
× 160)
3
480
60
60
32
32
480 dots (3
× 160)
2
320
40
40
20
40
320 dots (2
× 160)
1
160
20
20
10
20
160 dots (1
× 160)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com