Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85321 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF85321
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85321 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF85321 Datasheet HTML 14Page - NXP Semiconductors PCF85321 Datasheet HTML 15Page - NXP Semiconductors PCF85321 Datasheet HTML 16Page - NXP Semiconductors PCF85321 Datasheet HTML 17Page - NXP Semiconductors PCF85321 Datasheet HTML 18Page - NXP Semiconductors PCF85321 Datasheet HTML 19Page - NXP Semiconductors PCF85321 Datasheet HTML 20Page - NXP Semiconductors PCF85321 Datasheet HTML 21Page - NXP Semiconductors PCF85321 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
18 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.15 Blinker
The display blinking capabilities of the PCF8532 are very versatile. The whole display can
blink at frequencies selected by the blink-select command. The blink frequencies are
fractions of the clock frequency. The ratios between the clock and blink frequencies
depend on the blink mode in which the device is operating, see Table 6.
An additional feature is for an arbitrary selection of LCD segments to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can blink selectively by changing the display RAM data at fixed time
intervals.
If the entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 6).
7.16 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
By connecting pin SDAACK to pin SDA on the PCF8532, the SDA line becomes fully
I2C-bus compatible. Having the acknowledge output separated from the serial data line is
advantageous in Chip-On-Glass (COG) applications. In COG applications where the track
resistance from the SDAACK pin to the system SDA line can be significant, a potential
divider is generated by the bus pull-up resistor and the Indium Tin Oxide (ITO) track
resistance. It is possible that during the acknowledge cycle the PCF8532 will not be able
to create a valid logic 0 level. By splitting the SDA input from the output the device could
be used in a mode that ignores the acknowledge bit. In COG applications where the
acknowledge cycle is required, it is necessary to minimize the track resistance from the
SDAACK pin to the system SDA line to guarantee a valid LOW level.
The following definition assumes SDA and SDAACK are connected and refers to the pair
as SDA.
Table 6.
Blink frequencies
Assuming that fclk = 1.800 kHz.
Blink mode
Operating mode ratio
Blink frequency
off
-
blinking off
1
~2.34 Hz
2
~1.17 Hz
3
~0.59 Hz
f
blink
f
clk
768
---------
=
f
blink
f
clk
1536
------------
=
f
blink
f
clk
3072
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com