Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85321 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85321
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85321 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85321 Datasheet HTML 1Page - NXP Semiconductors PCF85321 Datasheet HTML 2Page - NXP Semiconductors PCF85321 Datasheet HTML 3Page - NXP Semiconductors PCF85321 Datasheet HTML 4Page - NXP Semiconductors PCF85321 Datasheet HTML 5Page - NXP Semiconductors PCF85321 Datasheet HTML 6Page - NXP Semiconductors PCF85321 Datasheet HTML 7Page - NXP Semiconductors PCF85321 Datasheet HTML 8Page - NXP Semiconductors PCF85321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
2 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
3.
Ordering information
[1]
Chip with bumps in tray.
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8532U/2DA/1
PCF8532U
bare die; 197 bumps; 6.5
× 1.16 × 0.38 mm[1] PCF8532U
Table 2.
Marking codes
Type number
Marking code
PCF8532U/2DA/1
PC8532-1
Fig 1.
Block diagram of PCF8532
001aah851
LCD
VOLTAGE
SELECTOR
CLOCK SELECT
AND TIMING
BLINKER
TIMEBASE
OSCILLATOR
INPUT
FILTERS
I2C-BUS
CONTROLLER
POWER-ON
RESET
CLK
SYNC
OSC
SCL
SDA
BACKPLANE
OUTPUTS
DISPLAY
CONTROL
BP0 BP1 BP2 BP3
DISPLAY SEGMENT OUTPUTS
DISPLAY REGISTER
OUTPUT BANK SELECT
AND BLINK CONTROL
160
S0 to S159
SA0
VDD
A0
A1
PCF8532
LCD BIAS
GENERATOR
VSS
VLCD
COMMAND
DECODE
WRITE DATA
CONTROL
DISPLAY
RAM
DATA POINTER AND
AUTO INCREMENT
SUBADDRESS
COUNTER
SDAACK
T1
T2
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com