Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85321 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF85321
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85321 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF85321 Datasheet HTML 19Page - NXP Semiconductors PCF85321 Datasheet HTML 20Page - NXP Semiconductors PCF85321 Datasheet HTML 21Page - NXP Semiconductors PCF85321 Datasheet HTML 22Page - NXP Semiconductors PCF85321 Datasheet HTML 23Page - NXP Semiconductors PCF85321 Datasheet HTML 24Page - NXP Semiconductors PCF85321 Datasheet HTML 25Page - NXP Semiconductors PCF85321 Datasheet HTML 26Page - NXP Semiconductors PCF85321 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
23 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
[1]
Power-on and reset value.
[2]
The possibility to disable the display allows implementation of blinking under external control; the enable bit
determines also wether the internal clock signal is available at the CLK pin (see Section 7.5.1).
[1]
Power-on and reset value.
[1]
Power-on and reset value.
Table 8.
Definition of PCF8532 commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
1
1
0
0
E
B
M1
M0
Table 9
load-data-pointer-MSB
0
0
0
0
P7
P6
P5
P4
Table 10
load-data-pointer-LSB
0
1
0
0
P3
P2
P1
P0
Table 11
device-select
1
1
1
0
0
0
A1
A0
Table 12
bank-select
1
1
1
1
1
0
I
O
Table 13
blink-select
1
1
1
1
0
A
BF1
BF0
Table 14
frequency-prescaler
1
1
1
0
1
F2
F1
F0
Table 15
Table 9.
Mode-set command bits description
Bit
Symbol
Value
Description
7 to 4
-
1100
fixed value
3E
display status
0[1]
disabled (blank)[2]
1
enabled
2B
LCD bias configuration
0[1]
1
⁄3 bias
1
1
⁄2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; BP0
10
1:2 multiplex; BP0, BP1
11
1:3 multiplex; BP0, BP1, BP2
00[1]
1:4 multiplex; BP0, BP1, BP2, BP3
Table 10.
Load-data-pointer-MSB command bits description
Bit
Symbol
Value
Description
7 to 4
-
0000
fixed value
3 to 0
P[7:4]
0000[1] to
1001
P7 to P4 defines the first 4 (most significant) bits of
the data pointer that indicates one of the 160 display
RAM addresses
Table 11.
Load-data-pointer-LSB command bits description
Bit
Symbol
Value
Description
7 to 4
-
0100
fixed value
3 to 0
P[3:0]
0000[1] to
1111
P3 to P0 defines the last 4 (least significant) bits of the
data pointer that indicates one of the 160 display RAM
addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com