Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85321 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF85321
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85321 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF85321 Datasheet HTML 26Page - NXP Semiconductors PCF85321 Datasheet HTML 27Page - NXP Semiconductors PCF85321 Datasheet HTML 28Page - NXP Semiconductors PCF85321 Datasheet HTML 29Page - NXP Semiconductors PCF85321 Datasheet HTML 30Page - NXP Semiconductors PCF85321 Datasheet HTML 31Page - NXP Semiconductors PCF85321 Datasheet HTML 32Page - NXP Semiconductors PCF85321 Datasheet HTML 33Page - NXP Semiconductors PCF85321 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
30 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
11. Dynamic characteristics
[1]
Typical output duty factor: 50 % measured at the CLK output pin.
[2]
For fclk(ext) > 4 kHz it is recommended to use an external pull-up resistor between pin SYNC and pin VDD. The value of the resistor
should be between 100 k
Ω and 1 MΩ. This resistor should be present even when no cascading configuration is used!
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 18.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin CLK; see Table 15
[1]
900
1800
3000
Hz
fclk(ext)
external clock frequency
[2]
700
-
5000
Hz
tclk(H)
HIGH-level clock time
external clock source used
100
-
-
µs
tclk(L)
LOW-level clock time
external clock source used
100
-
-
µs
tPD(SYNC_N)
SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
100
-
-
µs
tPD(drv)
driver propagation delay
VLCD = 5 V
-
10
-
µs
Timing characteristics: I2C-bus
[3]
fSCL
SCL clock frequency
-
-
400
kHz
tBUF
bus free time between a
STOP and START condition
1.3
-
-
µs
tHD;STA
hold time (repeated) START
condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
µs
tVD;ACK
data valid acknowledge time
-
-
1.2
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tf
fall time
of both SDA and SCL signals
-
-
0.3
µs
tr
rise time
of both SDA and SCL signals
-
-
0.3
µs
Cb
capacitive load for each bus
line
-
-
400
pF
tSU;DAT
data set-up time
200
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
µs
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com