Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85321 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF85321
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85321 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF85321 Datasheet HTML 28Page - NXP Semiconductors PCF85321 Datasheet HTML 29Page - NXP Semiconductors PCF85321 Datasheet HTML 30Page - NXP Semiconductors PCF85321 Datasheet HTML 31Page - NXP Semiconductors PCF85321 Datasheet HTML 32Page - NXP Semiconductors PCF85321 Datasheet HTML 33Page - NXP Semiconductors PCF85321 Datasheet HTML 34Page - NXP Semiconductors PCF85321 Datasheet HTML 35Page - NXP Semiconductors PCF85321 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
32 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
12. Application information
12.1 Cascaded operation
In large display configurations, up to 8 PCF8532’s can be distinguished on the same
I2C-bus by using the 2-bit hardware subaddress (A0 and A1) and the programmable
I2C-bus slave address (SA0). When cascaded PCF8532’s are synchronized, they can
share the backplane signals from one of the devices in the cascade. Such an
arrangement is cost-effective in large LCD applications since the backplane outputs of
only one device need to be through-plated to the backplane electrodes of the display. The
other PCF8532’s of the cascade contribute additional segment outputs but their
backplane outputs are left open-circuit (see Figure 21).
For display sizes that are not multiple of 640 elements, a mixed cascaded system can be
considered containing only devices like PCF8532 and PCF8533. Depending on the
application, one must take care of the software commands compatibility and pin
connection compatibility.
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCF8532’s. This synchronization is guaranteed after the power-on reset. The only time
that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in
adverse electrical environments, or by the definition of a multiplex mode when PCF8532’s
with different SA0 levels are cascaded). SYNC is organized as an input/output pin; the
output selection being realized as an open-drain driver with an internal pull-up resistor. A
PCF8532 asserts the SYNC line at the onset of its last active backplane signal and
monitors the SYNC line at all other times. Should synchronization in the cascade be lost,
it will be restored by the first PCF8532 to assert SYNC. The timing relationship between
the backplane waveforms and the SYNC signal for the various drive modes of the
PCF8532 are shown in Figure 23.
When using an external clock signal with high frequencies (fclk(ext) > 4 kHz) it is
recommended to have an external pull-up resistor between pin SYNC and pin VDD (see
Table 18). This resistor should be present even when no cascading configuration is used!
When using it in a cascaded configuration, care must be taken not to route the SYNC
signal to close to noisy signals.
The contact resistance between the SYNC pads of cascaded devices must be controlled.
If the resistance is too high, the device will not be able to synchronize properly. This is
particularly applicable to COG applications. Table 19 shows the limiting values for contact
resistance.
In the cascaded applications, the OSC pin of the PCF8532 with subaddress 0 is
connected to VSS so that this device uses its internal clock to generate a clock signal at
the CLK pin. The other PCF8532 devices are having the OSC pin connected to VDD,
meaning that this devices are ready to receive external clock, the signal being provided by
the device with subaddress 0.
In the case that the master is providing the clock signal to the slave devices, care must be
taken that the sending of display enable or disable will be received by both, the master
and the slaves at the same time. When the display is disabled the output from pin CLK is
disabled too. The disconnection of the clock may result in a DC component for the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com