Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology LTM8061 Datasheet HTML 13Page - Linear Technology LTM8061 Datasheet HTML 14Page - Linear Technology LTM8061 Datasheet HTML 15Page - Linear Technology LTM8061 Datasheet HTML 16Page - Linear Technology LTM8061 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8061
13
8061f
Figure 4. LTM8061 Input Current vs System
Load Current with 1.5A Input Current Limit
8061 F04
SYSTEM LOAD
CURRENT
LTM8061 INPUT
CURRENT (IVIN)
1.5A
1.0A
0.5A
APPLICATIONS INFORMATION
A 1.5A system limit, for example, would use a 33mΩ
sense resistor. Figure 4 gives an example of the system
current for the situation where the input current happens
to be 1A, and then gets reduced as the additional system
load increases beyond 0.5A. The LTM8061 integrates
the CLP signal internally, so average current limiting is
performed in most cases without the need for external
filter elements.
For example, to reduce the maximum charge current to
50% of the original value, set RNG/SS to 0.5V. The neces-
sary resistor value is:
RRNG/SS = 0.5V/50μA = 10kΩ
This feature could be used, for example, to switch in a
reduced charge current level. Applying an active voltage
can also be used to control the maximum charge current
but only if the voltage source can sink current. Figures 5
and 6 give two examples of circuits that control the charg-
ing current by sinking current. Active circuits that source
current cannot be used to drive the RNG/SS pin. Care
must be taken not to exceed the 2.5V absolute maximum
voltage on the pin.
RNG/SS
8061 F05
LTM8061
LOGIC HIGH = HALF CURRENT
10k
RNG/SS
8061 F06
LTM8061
SERVO REFERENCE
+
–
Figure 5. Using the RNG/SS Pin for Digital Control of
Maximum Charge Current
Figure 6. Driving the RNG/SS Pin with a
Current-Sink Active Servo Amplifier
RNG/SS: Dynamic Charge Current Adjust
The LTM8061 gives the user the capability to reduce the
maximum charge current dynamically through the RNG/SS
pin. The maximum charge current of the LTM8061 is 2A
and the control voltage range on the RNG/SS pin is 1V, so
the maximum charge current can be expressed as:
IBAT = 2A • VRNG/SS
where IBAT is the maximum charge current and VRNG/SS is
between 0V to 1V. Voltages higher than 1V have no effect
on the maximum charge current.
The LTM8061 sources 50μA from the RNG/SS pin, such
that a current control voltage can be set by simply connect-
ing an appropriately valued resistor to ground, following
the equation:
RRNG/SS = VRNG/SS/50μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com