Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology LTM8061 Datasheet HTML 13Page - Linear Technology LTM8061 Datasheet HTML 14Page - Linear Technology LTM8061 Datasheet HTML 15Page - Linear Technology LTM8061 Datasheet HTML 16Page - Linear Technology LTM8061 Datasheet HTML 17Page - Linear Technology LTM8061 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8061
14
8061f
APPLICATIONS INFORMATION
RNG/SS: Soft-Start
Soft-start functionality is also supported by the RNG/SS
pin. 50μA is sourced from the RNG/SS pin, so connect-
ing a capacitor from the RNG/SS pin to ground (CRNG/SS
in Figure 7) creates a linear voltage ramp. The maximum
charge current follows this voltage. Thus, the charge current
increases from zero to the fully programmed value as the
capacitor charges from 0V to 1V. The value of CRNG/SS is
calculated based on the desired time to full current (tSS)
following the equation:
CRNG/SS = 50μA • tSS
The RNG/SS pin is pulled to ground internally when charg-
ing terminates so each new charge cycle begins with a
soft-start cycle. RNG/SS is also pulled to ground during
bad-battery and NTC fault conditions, producing a graceful
recovery from a fault.
If the battery is removed from an LTM8061 charger that is
configured for C/10 termination, a low amplitude sawtooth
waveform appears at the charger output, due to cycling
between termination and recharge events. This cycling
results in pulsing at the CHRG output. An LED connected
to this pin will exhibit a blinking pattern, indicating to the
user that a battery is not present. The frequency of this
blinking pattern is dependent on the output capacitance.
C/10 Termination
The LTM8061 supports a low current based termination
scheme, where a battery charge cycle terminates when
the charge current falls below one-tenth the programmed
charge current, or about 200mA. This termination mode is
engaged by shorting the TMR pin to ground. When C/10
termination is used, an LTM8061 charger sources battery
charge current as long as the average current level remains
above the C/10 threshold. As the full-charge float voltage is
achieved, the charge current falls until the C/10 threshold
is reached, at which time the charger terminates and the
LTM8061 enters standby mode. The CHRG status is high
impedance when the charger is sourcing less than C/10.
There is no provision for bad-battery detection if C/10
termination is used.
Timer Termination
The LTM8061 supports a timer-based termination scheme,
where a battery charge cycle terminates after a specific
amount of time elapses. Timer termination is enabled
by connecting a capacitor (CTIMER) from the TMR pin to
GND. The timer cycle time span (tEOC) is determined by
CTIMER in the equation:
CTIMER = tEOC • 2.27 • 10–7 (Hours)
When charging at a 1C rate, tEOC is commonly set to three
hours, which requires a 0.68μF capacitor.
The CHRG status pin continues to signal charging, regard-
less of which termination scheme is used. When timer
termination is used, the CHRG status pin is pulled low
during a charge cycle until the charge current falls below
the C/10 threshold. The charger continues to top off the
battery until timer EOC, when the LTM8061 terminates the
charge cycle and enters standby mode.
RNG/SS
8061 F07
LTM8061
CRNG/SS
Figure 7. Using the RNG/SS Pin for Soft-Start
Status Pins
The LTM8061 reports charger status through two open-col-
lector outputs, the CHRG and FAULT pins. These pins can
accept voltages as high as VIN, and can sink up to 10mA
when enabled. The CHRG pin indicates that the charger is
delivering current at greater than a C/10 rate, or one-tenth
of the programmed charge current. The FAULT pin signals
bad-battery and NTC faults. These pins are binary coded
as shown in Table 2:
Table 2. Status Pin State
CHRG
FAULT
STATUS
High
High
Standby, Shutdown Mode, or Charging at
Less than C/10
High
Low
Bad-Battery Fault (Precondition Timeout/
EOC Failure)
Low
High
Normal Charging at C/10 or Greater
Low
Low
NTC Fault (Pause)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com