Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 4 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8061
4
8061f
Efficiency vs IBAT, 8.4VBAT
Input Current vs IBAT, 4.1VBAT
Input Current vs IBAT, 4.2VBAT
Efficiency vs IBAT, 4.1VBAT
Efficiency vs IBAT, 4.2VBAT
Efficiency vs IBAT, 8.2VBAT
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8061E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8061I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum internal temperature is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 3: The maximum BAT charge current is reduced by thermal foldback.
See the Typical Performance Characteristics section for details.
Note 4: Guaranteed by design and correlation.
TYPICAL PERFORMANCE CHARACTERISTICS
IBAT (mA)
0
60
70
75
65
80
1000
90
8061 G01
500
1500
2000
85
VINA = 12V
VINA = 24V
IBAT (mA)
0
60
70
75
65
80
1000
85
8061 G02
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
60
70
75
65
80
85
90
1000
95
8061 G03
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
75
79
81
77
83
85
87
1000
89
8061 G04
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
200
300
100
400
500
600
700
800
1000
900
8061 G05
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
200
300
100
400
500
600
700
800
1000
900
8061 G06
500
1500
2000
VINA = 12V
VINA = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com