Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 2 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8061
2
8061f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINA, VINC/CLP, VIN....................................................40V
RUN, CHRG, FAULT ...................................VIN + 0.5, 40V
TMR, RNG/SS, NTC .................................................2.5V
BIAS, BAT .................................................................10V
Internal Operating Temperature
(Note 2)................................................................. 125°C
Maximum Body Solder Temperature..................... 245°C
(Note 1)
LGA PACKAGE
77-LEAD (15mm
9mm
4.32mm)
BIAS
RNG/SS
FAULT
CHRG
NTC
TMR
RUN
1234567
A
B
C
D
E
F
G
H
J
K
L
BANK 3
BANK 4
BANK 5
VIN
VINC/CLP VINA
BANK 1
GND
BANK 2
BAT
TJMAX = 125°C, θJA = 17.0°C/W, θJCtop = 16.2°C/W,
θJCbottom = 6.1°C/W, θJB = 11.2°C/W,
θ values determined per JEDEC 51-9, 51-12
Weight = 1.7g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8061EV-4.1#PBF
LTM8061EV-4.1#PBF
LTM8061V-41
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061IV-4.1#PBF
LTM8061IV-4.1#PBF
LTM8061V-41
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061EV-4.2#PBF
LTM8061EV-4.2#PBF
LTM8061V-42
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061IV-4.2#PBF
LTM8061IV-4.2#PBF
LTM8061V-42
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061EV-8.2#PBF
LTM8061EV-8.2#PBF
LTM8061V-82
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061IV-8.2#PBF
LTM8061IV-8.2#PBF
LTM8061V-82
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061EV-8.4#PBF
LTM8061EV-8.4#PBF
LTM8061V-84
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
LTM8061IV-8.4#PBF
LTM8061IV-8.4#PBF
LTM8061V-84
77-Lead (15mm
× 9mm × 4.32mm)
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com