Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8061
6
8061f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Standby Current
vs Temperature, 4.2VBAT
Input Standby Current
vs Temperature, 8.2VBAT
Input Standby Current
vs Temperature, 8.4VBAT
Temperature Rise vs IBAT, 4.1VBAT
Temperature Rise vs IBAT, 4.2VBAT
Temperature Rise vs IBAT, 8.2VBAT
Temperature Rise vs IBAT, 8.4VBAT
TEMPERATURE (°C)
–50
0
1
2
3
4
50
7
6
5
8061 G16
0
100
VINA = 24V
VINA = 12V
TEMPERATURE (°C)
–50
0
1
2
3
4
50
9
6
5
8
7
8061 G17
0
100
VINA = 24V
VINA = 12V
TEMPERATURE (°C)
–50
0
1
2
3
4
50
10
9
6
5
8
7
8061 G18
0
100
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
20
25
1000
30
8061 G19
500
1500
2000
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
5
10
15
20
25
1000
30
8061 G20
500
1500
2000
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
5
10
15
20
25
1000
35
30
8061 G21
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
20
25
1000
40
35
30
8061 G22
500
1500
2000
VINA = 12V
VINA = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com