Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics L9950TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
L9950 - L9950XP
Electrical specifications
Doc ID 10311 Rev 10
11/39
Table 8.
Overvoltage and under voltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUV ON VS UV-threshold voltage
VS increasing
5.9
-
7.2
V
VSUV OFF VS UV-threshold voltage
VS decreasing
5.5
-
6.5
V
VSUV hyst VS UV-hysteresis
VSUV ON - VSUV OFF
-0.5
-
V
VSOV OFF VS OV-threshold voltage
VS increasing
18
-
24.5
V
VSOV ON VS OV-threshold voltage
VS decreasing
17.5
-
22
V
VSOV hyst VS OV-hysteresis
VSOV OFF - VSOV ON
-1
-
V
VPOR OFF Power-on-reset threshold
VCC increasing
-
-
4.4
V
VPOR ON Power-on-reset threshold
VCC decreasing
3.1
-
-
V
VPOR hyst Power-on-reset hysteresis
VPOR OFF - VPOR ON
-0.3
-
V
Table 9.
Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
VCC = 5 V
0
4
V
ICM,r
Current monitor output
ratio:
ICM /IOUT1,4,5,6,11
0V
≤ VCM ≤ 4V, VCC=5V
-
-
-
ICM acc
Current monitor accuracy
0V
≤ VCM ≤ 3.8 V,
VCC = 5 V, IOut,min=500 mA,
IOut4,5,11,max = 5.9 A
IOut1,6,max = 2.9 A
(FS = full scale= 600 µA)
-
4% +
1%FS
8% +
2%FS
-
Table 10.
Charge pump output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output
voltage
VS = 8 V, ICP = -60 µA
6
-
13
V
VS = 10 V, ICP = -80 µA
8
-
13
V
VS ≥ 12 V, ICP = -100 µA
10
-
13
V
ICP
Charge pump output
current
VCP = VS+10 V, VS =13.5 V
95
150
300
µA
1
10.000
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com