Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 31Page - STMicroelectronics L9950TR Datasheet HTML 32Page - STMicroelectronics L9950TR Datasheet HTML 33Page - STMicroelectronics L9950TR Datasheet HTML 34Page - STMicroelectronics L9950TR Datasheet HTML 35Page - STMicroelectronics L9950TR Datasheet HTML 36Page - STMicroelectronics L9950TR Datasheet HTML 37Page - STMicroelectronics L9950TR Datasheet HTML 38Page - STMicroelectronics L9950TR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
L9950 - L9950XP
Package and packing information
Doc ID 10311 Rev 10
35/39
6.4
PowerSO-36 packing information
Figure 13. PowerSO-36 tube shipment (no suffix)
L
0.55
-
0.85
M-
4.3
-
N-
-
10°
O-
1.2
-
Q-
0.8
-
S-
2.9
-
T-
3.65
-
U-
1
-
X4.3
-
5.2
Y6.9
-
7.5
1.
“D” and “E” do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.15 mm
per side (0.006”).
Table 22.
PowerSSO-36 mechanical data (continued)
Symbol
Millimeters
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com