Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 16Page - STMicroelectronics L9950TR Datasheet HTML 17Page - STMicroelectronics L9950TR Datasheet HTML 18Page - STMicroelectronics L9950TR Datasheet HTML 19Page - STMicroelectronics L9950TR Datasheet HTML 20Page - STMicroelectronics L9950TR Datasheet HTML 21Page - STMicroelectronics L9950TR Datasheet HTML 22Page - STMicroelectronics L9950TR Datasheet HTML 23Page - STMicroelectronics L9950TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Application information
L9950 - L9950XP
20/39
Doc ID 10311 Rev 10
3
Application information
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the half bridges and the highside drivers. An internal
charge-pump is used to drive the highside switches. The logic supply voltage VCC (stabilized
5 V) is used for the logic part and the SPI of the device.
Due to the independent logic supply voltage the control and status information will not be
lost, if there are temporary spikes or glitches on the power supply voltage. In case of power-
on (VCC increases from under voltage to VPOR OFF = 4.2 V) the circuit is initialized by an
internally generated power on reset (POR). If the voltage VCC decreases under the
minimum threshold (VPOR ON = 3.4 V), the outputs are switched to tristate (high impedance)
and the status registers are cleared.
3.2
Standby mode
The standby mode of the L9950 is activated by clearing the bit 23 of the Input Data
Register 0. All latched data will be cleared and the inputs and outputs are switched to high
impedance. In the standby mode the current at VS (VCC) is less than 6 µA (50 µA) for
CSN = high (DO in tristate). By switching the VCC voltage a very low quiescent current can
be achieved. If bit 23 is set, the device will be switched to active mode.
3.3
Inductive loads
Each half bridge is built by an internally connected highside and a lowside power DMOS
transistor. Due to the built-in reverse diodes of the output transistors, inductive loads can be
driven at the outputs OUT1 to OUT6 without external free wheeling diodes. The highside
drivers OUT7 to OUT11 are intended to drive resistive loads. Hence only a limited energy
(E<1 mJ) can be dissipated by the internal ESD diodes in freewheeling condition. For
inductive loads (L>100 µH) an external free wheeling diode connected to GND and the
corresponding output is needed.
3.4
Diagnostic functions
All diagnostic functions (over/open load, power supply over-/undervoltage, temperature
warning and thermal shutdown) are internally filtered and the condition has to be valid for at
least 32 µs (open load: 1 ms, respectively) before the corresponding status bit in the status
registers will be set. The filters are used to improve the noise immunity of the device. Open
load and temperature warning function are intended for information purpose and will not
change the state of the output drivers. On contrary, the overload and thermal shutdown
condition will disable the corresponding driver (overload) or all drivers (thermal shutdown),
respectively. Without setting the over-current recovery bits in the Input Data register, the
microcontroller has to clear the over-current status bits to reactivate the corresponding
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com