Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics L9950TR Datasheet HTML 15Page - STMicroelectronics L9950TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Electrical specifications
L9950 - L9950XP
12/39
Doc ID 10311 Rev 10
Table 11.
OUT1 - OUT11
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
rON OUT1,
rON OUT6
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT1,6 = ± 1.5A
-300
400
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT1,6 = ± 1.5 A
-450
600
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT1,6 = ± 1.5 A
-300
400
m
Ω
rON OUT2,
rON OUT3
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT2,3 = ± 0.8A
-
800
1100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT2,3 = ± 0.8 A
-
1250
1700
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT2,3 = ± 0.8 A
-
800
1100
m
Ω
rON OUT4,
rON OUT5
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = ± 3.0 A
-150
200
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = ± 3.0 A
-225
300
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT4,5 = ± 3.0 A
-150
200
m
Ω
rON OUT7,
rON OUT8,
rON OUT9 ,
rON OUT10
On-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT7,8,9,10 = -0.8 A
-
800
1100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT7,8,9,10 = -0.8 A
-
1250
1700
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT7,8,9,10 = -0.8 A
-
800
1100
m
Ω
rON OUT11 On-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT11 = - 3.0 A
-100
150
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT11 = - 3.0A
-150
200
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT11 = - 3.0 A
-100
150
m
Ω
|IOUT1|,
|IOUT6|
Output current limitation to
supply or GND
Sink and source,
VS=13.5V
3-5
A
|IOUT2|,
|IOUT3|
Output current limitation to
supply or GND
Sink and source,
VS = 13.5V
1.5
-
2.5
A
|IOUT4|,
|IOUT5|
Output current limitation to
supply or GND
Sink and source,
VS = 13.5V
6-
10
A
|IOUT7|,
|IOUT8|,
|IOUT9|,
|IOUT10|
Output current limitation to
GND
Source, VS = 13.5V
1.5
-
2.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com