Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics L9950TR Datasheet HTML 15Page - STMicroelectronics L9950TR Datasheet HTML 16Page - STMicroelectronics L9950TR Datasheet HTML 17Page - STMicroelectronics L9950TR Datasheet HTML 18Page - STMicroelectronics L9950TR Datasheet HTML 19Page - STMicroelectronics L9950TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Electrical specifications
L9950 - L9950XP
16/39
Doc ID 10311 Rev 10
Figure 3.
SPI - transfer timing diagram
Table 16.
DO timing
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1 mA
-
80
140
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1 mA
-
50
100
ns
ten DO tri L
DO enable time
from tristate to low level
CL = 100 pF, Iload = 1 mA
pull-up load to VCC
-
100
250
ns
tdis DO L tri
DO disable time
from low level to tristate
CL = 100 pF, Iload = 4 mA
pull-up load to VCC
-
380
450
ns
ten DO tri H
DO enable time
from tristate to high level
CL =100 pF, Iload = -1 mA
pull-down load to GND
-
100
250
ns
tdis DO H tri
DO disable time
from high level to tristate
CL = 100 pF, Iload = -4 mA
pull-down load to GND
-
380
450
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7 VCC,
CL = 100 pF
-50
250
ns
Table 17.
CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI,stb
Minimum CSN HI time,
switching from standby mode
Transfer of SPI command
to Input Register
-20
50
µs
tCSN_HI,min
Maximum CSN HI time,
active mode
Transfer of SPI command
to input register
-2
4
µs
1
2
34
56
7
0
01
12
3
45
67
0
12
3
4
5
6
7
0
0
1
01
CSN
CLK
DI
DO
Input
Data
Register
CSN high to low: DO enabled
time
DI: data will be accepted on the rising edge of CLK signal
time
time
time
time
DO: data will change on the falling edge of CLK signal
fault bit
CSN low to high: actual data is
transfered to output power switches
old data
new data
23
22
21
20
19
18
23
22
21
20
19
18
23
22
21
20
19
18
X
X
X
X
X
X
1
2
34
56
7
0
01
12
3
45
67
0
1
2
34
56
7
0
01
12
3
45
67
0
12
3
4
5
6
7
0
0
1
01
CSN
CLK
DI
DO
Input
Data
Register
CSN high to low: DO enabled
time
DI: data will be accepted on the rising edge of CLK signal
time
time
time
time
DO: data will change on the falling edge of CLK signal
fault bit
CSN low to high: actual data is
transfered to output power switches
old data
new data
12
3
4
5
6
7
0
0
1
01
CSN
CLK
DI
DO
Input
Data
Register
CSN high to low: DO enabled
time
DI: data will be accepted on the rising edge of CLK signal
time
time
time
time
DO: data will change on the falling edge of CLK signal
fault bit
CSN low to high: actual data is
transfered to output power switches
old data
new data
23
22
21
20
19
18
23
22
21
20
19
18
23
22
21
20
19
18
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com