Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5Q3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 9Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 10Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 11Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 12Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 13Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 14Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 15Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 16Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 239 page
background image
ST10F276Z5
List of figures
13/239
Figure 49.
Anti-aliasing filter and conversion rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
Figure 50.
Input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
Figure 51.
Float waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
Figure 52.
Generation mechanisms for the CPU clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
Figure 53.
ST10F276Z5 PLL jitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
Figure 54.
Crystal oscillator and resonator connection diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Figure 55.
32 kHz crystal oscillator connection diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 56.
External clock drive XTAL1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Figure 57.
Multiplexed bus with/without R/W delay and normal ALE. . . . . . . . . . . . . . . . . . . . . . . . . 210
Figure 58.
Multiplexed bus with/without R/W delay and extended ALE . . . . . . . . . . . . . . . . . . . . . . . 211
Figure 59.
Multiplexed bus, with/without R/W delay, normal ALE, R/W CS. . . . . . . . . . . . . . . . . . . . 212
Figure 60.
Multiplexed bus, with/without R/ W delay, extended ALE, R/W CS . . . . . . . . . . . . . . . . . 213
Figure 61.
Demultiplexed bus, with/without read/write delay and normal ALE . . . . . . . . . . . . . . . . . 216
Figure 62.
Demultiplexed bus with/without R/W delay and extended ALE . . . . . . . . . . . . . . . . . . . . 217
Figure 63.
Demultiplexed bus with ALE and R/W CS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Figure 64.
Demultiplexed bus, no R/W delay, extended ALE, R/W CS . . . . . . . . . . . . . . . . . . . . . . . 219
Figure 65.
CLKOUT and READY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Figure 66.
External bus arbitration (releasing the bus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
Figure 67.
External bus arbitration (regaining the bus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 223
Figure 68.
SSC master timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
Figure 69.
SSC slave timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Figure 70.
ADC injection theoretical operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Figure 71.
ADC injection actual operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Figure 72.
Connecting an ST10 in slave mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Figure 73.
PQFP144 - 144-pin plastic Quad Flatpack 28 x 28 mm, 0.65 mm pitch,
package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236
Figure 74.
LQFP144 - 144 pin low profile quad flat package 20x20 mm, 0.5 mm pitch,
package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com