Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5Q3 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 51Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 52Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 239 page
background image
ST10F276Z5
Bootstrap loader
49/239
Valid dominant bit on CAN1 RxD
The ST10F276Z5 starts bootstrapping via CAN1; the bootstrapping method is new and is
described in the next paragraph 5.4. Figure 5 shows the program flow of the new bootstrap
loader. It clearly illustrates how the new functionalities are implemented:
●
UART: UART has priority over CAN after a falling edge on CAN1_RxD until the first
valid rising edge on CAN1_RxD;
●
CAN: Pulses on CAN1_RxD shorter than 20*CPU-cycles are filtered.
5.2.2
ST10 configuration in BSL
When the ST10F276Z5 has entered BSL mode, the configuration shown in Table 30 is
automatically set (values that deviate from the normal reset values are marked in bold).
Table 30.
ST10 configuration in BSL mode
Function or register
Access
Notes
Watchdog Timer
Disabled
Register SYSCON
0404H
(1)
1.
In Bootstrap modes (standard or alternate) ROMEN, bit 10 of SYSCON, is always set regardless of EA pin
level. BYTDIS, bit 9 of SYSCON, is set according to data bus width selection via Port0 configuration.
XPEN bit set for Bootstrap via CAN or
Alternate Boot mode
Context Pointer CP
FA00H
Register STKUN
FC00H
Stack Pointer SP
FA40H
Register STKOV
FA00H
Register BUSCON0
access to startup
configuration(2)
2.
BUSCON0 is initialized with 0000h, external bus disabled, if pin EA is high during reset. If pin EA is low
during reset, BUSACT0, bit 10, and ALECTL0, bit 9, are set enabling the external bus with lengthened ALE
signal. BTYP field, bit 7 and 6, is set according to Port0 configuration.
Register S0CON
8011H
Initialized only if Bootstrap via UART
Register S0BG
access to ‘00’ byte
Initialized only if Bootstrap via UART
P3.10 / TXD0
‘1’
Initialized only if Bootstrap via UART
DP3.10
‘1’
Initialized only if Bootstrap via UART
CAN1 Status/Control
Register
0000H
Initialized only if Bootstrap via CAN
CAN1 Bit Timing Register
access to ‘0’ frame
Initialized only if Bootstrap via CAN
XPERCON
042DH
XRAM1-2, XFlash, CAN1 and XMISC
enabled. Initialized only if Bootstrap via CAN
P4.6 / CAN1_TxD
‘1’
Initialized only if Bootstrap via CAN
DP4.6
‘1’
Initialized only if Bootstrap via CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com