Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5Q3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 239 page
background image
ST10F276Z5
Pin data
23/239
XTAL1
138
I
XTAL1 Main oscillator amplifier circuit and/or external clock input.
XTAL2
137
O
XTAL2 Main oscillator amplifier circuit output.
To clock the device from an external source, drive XTAL1 while leaving XTAL2
unconnected. Minimum and maximum high / low and rise / fall times specified in
the AC Characteristics must be observed.
XTAL3
143
I
XTAL3 32 kHz oscillator amplifier circuit input
XTAL4
144
O
XTAL4 32 kHz oscillator amplifier circuit output
When 32 kHz oscillator amplifier is not used, to avoid spurious consumption,
XTAL3 shall be tied to ground while XTAL4 shall be left open. Besides, bit OFF32
in RTCCON register shall be set. 32 kHz oscillator can only be driven by an
external crystal, and not by a different clock source.
RSTIN
140
I
Reset Input with CMOS Schmitt-Trigger characteristics. A low level at this pin for
a specified duration while the oscillator is running resets the device. An internal
pull-up resistor permits power-on reset using only a capacitor connected to VSS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON
register), the RSTIN line is pulled low for the duration of the internal reset
sequence.
RSTOUT
141
O
Internal Reset Indication Output. This pin is driven to a low level during
hardware, software or watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
142
I
Non-Maskable Interrupt Input. A high to low transition at this pin causes the CPU
to vector to the NMI trap routine. If bit PWDCFG = ‘0’ in SYSCON register, when
the PWRDN (Power-down) instruction is executed, the NMI pin must be low in
order to force the device to go into Power-down mode. If NMI is high and
PWDCFG =’0’, when PWRDN is executed, the part will continue to run in normal
mode.
If not used, pin NMI should be pulled high externally.
VAREF
37
-
A/D converter reference voltage and analog supply
VAGND
38
-
A/D converter reference and analog ground
RPD
84
-
Timing pin for the return from interruptible Power-down mode and synchronous /
asynchronous reset selection.
VDD
17, 46,
72,82,93,
109, 126,
136
-
Digital supply voltage = + 5 V during normal operation, idle and Power-down
modes.
It can be turned off when Standby RAM mode is selected.
VSS
18,45,
55,71,
83,94,
110, 127,
139
-
Digital ground
V18
56
-
1.8 V decoupling pin: a decoupling capacitor (typical value of 10 nF, max 100 nF)
must be connected between this pin and nearest VSS pin.
Table 2.
Pin description (continued)
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com