Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5Q3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 16Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 17Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 18Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 239 page
background image
Pin data
ST10F276Z5
20/239
P3.0 - P3.5
P3.6 - P3.13,
P3.15
65-70,
73-80,
81
I/O
I/O
I/O
15-bit (P3.14 is missing) bidirectional I/O port, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. Port 3 outputs can be
configured as push-pull or open drain drivers. The input threshold of Port 3 is
selectable (TTL or CMOS). The following Port 3 pins have alternate functions:
65
I
P3.0
T0IN
CAPCOM1: timer T0 count input
66
O
P3.1
T6OUT
GPT2: timer T6 toggle latch output
67
I
P3.2
CAPIN
GPT2: register CAPREL capture input
68
O
P3.3
T3OUT
GPT1: timer T3 toggle latch output
69
I
P3.4
T3EUD
GPT1: timer T3 external up/down control input
70
I
P3.5
T4IN
GPT1; timer T4 input for count/gate/reload/capture
73
I
P3.6
T3IN
GPT1: timer T3 count/gate input
74
I
P3.7
T2IN
GPT1: timer T2 input for count/gate/reload / capture
75
I/O
P3.8
MRST0
SSC0: master-receiver/slave-transmitter I/O
76
I/O
P3.9
MTSR0
SSC0: master-transmitter/slave-receiver O/I
77
O
P3.10
TxD0
ASC0: clock / data output (asynchronous/synchronous)
78
I/O
P3.11
RxD0
ASC0: data input (asynchronous) or I/O (synchronous)
79
O
P3.12
BHE
External memory high byte enable signal
WRH
External memory high byte write strobe
80
I/O
P3.13
SCLK0
SSC0: master clock output / slave clock input
81
O
P3.15
CLKOUT
System clock output (programmable divider on CPU
clock)
Table 2.
Pin description (continued)
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com