Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5Q3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 40Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 41Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 42Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 43Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 239 page
background image
Internal Flash memory
ST10F276Z5
44/239
Erase suspend, program and resume
A Sector Erase operation can be suspended in order to program (Word or Double Word)
another Sector.
Example: Sector Erase of sector B3F1 of Bank 3 in XFLASH Module.
FCR0H|= 0x0800;/*Set SER in FCR0H*/
FCR1H|= 0x0002;/*Set B3F1*/
FCR0H|= 0x8000;/*Operation start*/
Example: Sector Erase Suspend.
FCR0H|= 0x4000;/*Set SUSP in FCR0H*/
do
/*Loop to wait for LOCK=0 and WMS=0*/
{tmp1 = FCR0L;
tmp2 = FCR0H;
} while ((tmp1 && 0x0010) || (tmp2 && 0x8000));
Example: Word Program of data 0x5555AAAA at address 0x0C5554 in XFLASH module.
FCR0H&= 0xBFFF;/*Rst SUSP in FCR0H*/
FCR0H|= 0x2000;/*Set WPG in FCR0H*/
FARL = 0x5554; /*Load Add in FARL*/
FARH = 0x000C; /*Load Add in FARH*/
FDR0L = 0xAAAA; /*Load Data in FDR0L*/
FDR0H = 0x5555; /*Load Data in FDR0H*/
FCR0H|= 0x8000; /*Operation start*/
Once the Program operation is finished, the Erase operation can be resumed in the
following way:
FCR0H|= 0x0800;/*Set SER in FCR0H*/
FCR0H|= 0x8000;/*Operation resume*/
Notice that during the Program Operation in Erase suspend, bits SER and SUSP are low. A
Word or Double Word Program during Erase Suspend cannot be suspended.
To summarize:
–
A Sector Erase can be suspended by setting SUSP bit
–
To perform a Word Program operation during Erase Suspend, firstly bits SUSP
and SER must be reset, then bit WPG and WMS can be set
–
To resume the Sector Erase operation bit SER must be set again
–
In any case it is forbidden to start any write operation with SUSP bit already set
Set protection
Example 1: Enable Write Protection of sectors B0F3-0 of Bank 0 in IFLASH module.
FCR0H|= 0x0100;/*Set SPR in FCR0H*/
FARL = 0xDFB4;/*Load Add of register FNVWPIRL in FARL*/
FARH = 0x000E;/*Load Add of register FNVWPIRL in FARH*/
FDR0L = 0xFFF0;/*Load Data in FDR0L*/
FDR0H = 0xFFFF;/*Load Data in FDR0H*/
FCR0H|= 0x8000;/*Operation start*/
Notice that bit SMOD of FCR0H must not be set, since Write Protection bits of IFLASH
Module are stored in Test-Flash (XFLASH Module).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com