Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5 Datasheet HTML 62Page - STMicroelectronics ST10F276Z5 Datasheet HTML 63Page - STMicroelectronics ST10F276Z5 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 239 page
background image
Bootstrap loader
ST10F276Z5
60/239
5.4.3
ST10 configuration in CAN BSL
When the ST10F276Z5 enters BSL mode via CAN, the configuration shown in Table 32 is
automatically set (values that deviate from the normal reset values are marked in bold).
Other than after a normal reset, the watchdog timer is disabled, so the bootstrap loading
sequence is not time limited. Pin CAN1_TxD1 is configured as output, so the ST10F276Z5
can return the identification frame. Even if the internal IFLASH is enabled, a code cannot be
executed from it.
5.4.4
Loading the start-up code via CAN
After sending the acknowledge byte, the BSL enters a loop to receive 128 bytes via CAN1.
Hint: The number of bytes loaded when booting via the CAN interface has been extended to
128 bytes to allow the reconfiguration of the CAN Bit Timing Register with the best timings
(synchronization window, ...). This can be achieved by the following sequence of
instructions:
ReconfigureBaud rate:
MOV
R1,#041h
MOV
DPP3:0EF00h,R1 ; Put CAN in Init, enable Configuration Change
MOV
R1,#01600h
MOV
DPP3:0EF06h,R1 ; 1MBaud at Fcpu = 20 MHz
These 128 bytes are stored sequentially into locations 00’FA40H through 00’FABFH of the
IRAM, allowing up to 64 instructions to be placed into the RAM area. To execute the loaded
code the BSL then jumps to location 00’FA40H, that is, the first loaded instruction. The
bootstrap loading sequence is now terminated; however, the ST10F276Z5 remains in BSL
Table 32.
ST10 configuration in CAN BSL
Function or register
Access
Notes
Watchdog timer
Disabled
Register SYSCON
0404H
(1)
1.
In Bootstrap modes (standard or alternate) ROMEN, bit 10 of SYSCON, is always set regardless of EA pin
level. BYTDIS, bit 9 of SYSCON, is set according to data bus width selection via Port0 configuration.
XPEN bit set
Context pointer CP
FA00H
Register STKUN
FA00H
Stack pointer SP
FA40H
Register STKOV
FC00H
Register BUSCON0
access to startup
configuration(2)
2.
BUSCON0 is initialized with 0000h, external bus disabled, if pin EA is high during reset. If pin EA is low
during reset, BUSACT0, bit 10, and ALECTL0, bit 9, are set enabling the external bus with lengthened ALE
signal. BTYP field, bit 7 and 6, is set according to Port0 configuration.
CAN1 Status/Control register 0000H
Initialized only if Bootstrap via CAN
CAN1 Bit timing register
access to ‘0’ frame
Initialized only if Bootstrap via CAN
XPERCON
042DH
XRAM1-2, XFlash, CAN1 and XMISC enabled
P4.6 / CAN1_TxD
‘1’
Initialized only if Bootstrap via CAN
DP4.6
‘1’
Initialized only if Bootstrap via CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com