Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 15Page - STMicroelectronics ST10F276Z5 Datasheet HTML 16Page - STMicroelectronics ST10F276Z5 Datasheet HTML 17Page - STMicroelectronics ST10F276Z5 Datasheet HTML 18Page - STMicroelectronics ST10F276Z5 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 239 page
background image
ST10F276Z5
Pin data
19/239
P7.0 - P7.7
19-26
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to
high impedance state. Port 7 outputs can be configured as push-pull or open
drain drivers. The input threshold of Port 7 is selectable (TTL or CMOS).
The following Port 7 pins have alternate functions:
19
O
P7.0
POUT0
PWM0: channel 0 output
...
...
...
...
...
22
O
P7.3
POUT3
PWM0: channel 3 output
23
I/O
P7.4
CC28IO
CAPCOM2: CC28 capture input / compare output
...
...
...
...
...
26
I/O
P7.7
CC31IO
CAPCOM2: CC31 capture input / compare output
P5.0 - P5.9
P5.10 - P5.15
27-36
39-44
I
I
16-bit input-only port with Schmitt-Trigger characteristics. The pins of Port 5 can
be the analog input channels (up to 16) for the A/D converter, where P5.x equals
ANx (Analog input channel x), or they are timer inputs. The input threshold of
Port 5 is selectable (TTL or CMOS). The following Port 5 pins have alternate
functions:
39
I
P5.10
T6EUD
GPT2: timer T6 external up/down control input
40
I
P5.11
T5EUD
GPT2: timer T5 external up/down control input
41
I
P5.12
T6IN
GPT2: timer T6 count input
42
I
P5.13
T5IN
GPT2: timer T5 count input
43
I
P5.14
T4EUD
GPT1: timer T4 external up/down control input
44
I
P5.15
T2EUD
GPT1: timer T2 external up/down control input
P2.0 - P2.7
P2.8 - P2.15
47-54
57-64
I/O
16-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bit. Programming an I/O pin as input forces the corresponding output
driver to high impedance state. Port 2 outputs can be configured as push-pull or
open drain drivers. The input threshold of Port 2 is selectable (TTL or CMOS).
The following Port 2 pins have alternate functions:
47
I/O
P2.0
CC0IO
CAPCOM: CC0 capture input/compare output
...
...
...
...
...
54
I/O
P2.7
CC7IO
CAPCOM: CC7 capture input/compare output
57
I/O
P2.8
CC8IO
CAPCOM: CC8 capture input/compare output
I
EX0IN
Fast external interrupt 0 input
...
...
...
...
...
64
I/O
P2.15
CC15IO
CAPCOM: CC15 capture input/compare output
I
EX7IN
Fast external interrupt 7 input
I
T7IN
CAPCOM2: timer T7 count input
Table 2.
Pin description (continued)
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com