Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5 Datasheet HTML 62Page - STMicroelectronics ST10F276Z5 Datasheet HTML 63Page - STMicroelectronics ST10F276Z5 Datasheet HTML 64Page - STMicroelectronics ST10F276Z5 Datasheet HTML 65Page - STMicroelectronics ST10F276Z5 Datasheet HTML 66Page - STMicroelectronics ST10F276Z5 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 239 page
background image
ST10F276Z5
Bootstrap loader
63/239
The error coming from the measurement of the 29 bit is:
e1 = 6 / [PT0]
It is maximal for the smallest BRP value and the smallest number of ticks in PT0. Therefore:
e1 Max = 1.29%
To improve precision, the aim is to have the smallest BRP so that the time quantum is the
smallest possible. Thus, an error on the calculation of time quanta in a bit time is minimal.
In order to do so, the value of PT0 is divided into ranges of 1450 ticks. In the algorithm, PT0
is divided by 1451 and the result is BRP.
The calculated BRP value is then used to divide PT0 in order to have the value of (1 +
Tseg1 + Tseg2). A table is made to set the values for Tseg1 and Tseg2 according to the
value of (1 + Tseg1 + Tseg2). These values of Tseg1 and Tseg2 are chosen in order to
reach a sample point between 70% and 80% of the bit time.
During the calculation of (1 + Tseg1 + Tseg2), an error e2 can be introduced by the division.
This error is of 1 time quantum maximum.
To compensate for any possible error on bit rate, the (Re)Synchronization Jump Width is
fixed to 2 time quanta.
Table 33.
BRP and PT0 values
BRP
PT0_min
PT0_max
Comments
0
464
1450
1
1451
2900
2
2901
4350
3
4351
5800
4
5801
7250
5
7251
8700
..
..
..
43
20416
63800
44
20880
65250
45
21344
66700
Possible timer overflow
..
..
..
63
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com