Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 63Page - STMicroelectronics ST10F276Z5 Datasheet HTML 64Page - STMicroelectronics ST10F276Z5 Datasheet HTML 65Page - STMicroelectronics ST10F276Z5 Datasheet HTML 66Page - STMicroelectronics ST10F276Z5 Datasheet HTML 67Page - STMicroelectronics ST10F276Z5 Datasheet HTML 68Page - STMicroelectronics ST10F276Z5 Datasheet HTML 69Page - STMicroelectronics ST10F276Z5 Datasheet HTML 70Page - STMicroelectronics ST10F276Z5 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 239 page
background image
ST10F276Z5
Bootstrap loader
67/239
5.6.4
ST10 configuration in alternate boot mode
When the ST10F276Z5 enters BSL mode via CAN, the configuration shown in Table 36 is
automatically set (values that deviate from the normal reset values are marked in bold).
Even if the internal IFLASH is enabled, a code cannot be executed from it.
As the XFlash is needed, XPERCON register is configured by the ABM loader code and bit
XPEN of SYSCON is set. However, as long as the EINIT instruction is not executed (and it is
not in the bootstrap loader code), the settings can be modified. To do this, perform the
following steps:
●
Copy in DPRAM a function that will
–
disable the XPeripherals by clearing XPEN in SYSCON register,
–
enabled the needed XPeripherals by writing the correct value in XPERCON
register,
–
set XPEN bit in SYSCON,
–
return to calling address.
●
Call the function from XFlash
The changing of the XPERCON value cannot be executed from the XFlash because the
XFlash is disabled by the clearing of XPEN bit in SYSCON.
5.6.5
Watchdog
As for standard boot, the Watchdog timer remains disabled during Alternate Boot mode. In
case a Watchdog reset occurs, a software reset is generated.
Note:
See note from Section 5.2.7 concerning software reset.
Table 36.
ST10 configuration in alternate boot mode
Function or register
Access
Notes
Watchdog timer
Disabled
Register SYSCON
0404H(1)
1.
In Bootstrap modes (standard or alternate) ROMEN, bit 10 of SYSCON, is always set regardless of EA pin
level. BYTDIS, bit 9 of SYSCON, is set according to data bus width selection via Port0 configuration.
XPEN bit set
Context pointer CP
FA00H
Register STKUN
FA00H
Stack pointer SP
FA40H
Register STKOV
FC00H
Register BUSCON0
access to startup
configuration(2)
2.
BUSCON0 is initialized with 0000h, external bus disabled, if pin EA is high during reset. If pin EA is low
during reset, BUSACT0, bit 10, and ALECTL0, bit 9, are set enabling the external bus with lengthened ALE
signal. BTYP field, bit 7 and 6, is set according to Port0 configuration.
XPERCON
002DH
XRAM1-2, XFlash, CAN1 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com