Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5 Datasheet HTML 36Page - STMicroelectronics ST10F276Z5 Datasheet HTML 37Page - STMicroelectronics ST10F276Z5 Datasheet HTML 38Page - STMicroelectronics ST10F276Z5 Datasheet HTML 39Page - STMicroelectronics ST10F276Z5 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 239 page
background image
Internal Flash memory
ST10F276Z5
36/239
4.4.10
Flash address register high
4.4.11
Flash error register
Flash error register, as well as all the other Flash registers, can be properly read only once
LOCK bit of register FCR0L is low. Nevertheless, its content is updated when also BSY bits
are reset as well; for this reason, it is definitively meaningful reading FER register content
only when LOCK bit and all BSY bits are cleared.
FARH (0x0E 0012)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
reserved
ADD20 ADD19 ADD18 ADD17 ADD16
RW
RW
RW
RW
RW
Table 17.
Flash address register high
Bit
Function
ADD(20:16)
Address 20:16
These bits must be written with the address of the Flash location to program in the
following operations: word program and double word program.
FER (0xE 0014h)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
reserved
WPF RESER SEQER
reserved
10ER
PGER ERER
ERR
RC
RC
RC
RC
RC
RC
RC
Table 18.
Flash error register
Bit
Function
ERR
Write error
This bit is automatically set when an error occurs during a Flash write operation or
when a bad write operation setup is done. Once the error has been discovered and
understood, ERR bit must be software reset.
ERER
Erase error
This bit is automatically set when an erase error occurs during a Flash write operation.
This error is due to a real failure of a Flash cell, that can no more be erased. This kind
of error is fatal and the sector where it occurred must be discarded. This bit has to be
software reset.
PGER
Program error
This bit is automatically set when a program error occurs during a Flash write
operation. This error is due to a real failure of a Flash cell, that can no more be
programmed. The word where this error occurred must be discarded. This bit has to
be software reset.
10ER
1 over 0 error
This bit is automatically set when trying to program at 1 bits previously set at 0 (this
does not happen when programming the protection bits). This error is not due to a
failure of the Flash cell, but only flags that the desired data has not been written. This
bit has to be software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com