Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811N Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 11Page - STMicroelectronics STW4811N Datasheet HTML 12Page - STMicroelectronics STW4811N Datasheet HTML 13Page - STMicroelectronics STW4811N Datasheet HTML 14Page - STMicroelectronics STW4811N Datasheet HTML 15Page - STMicroelectronics STW4811N Datasheet HTML 16Page - STMicroelectronics STW4811N Datasheet HTML 17Page - STMicroelectronics STW4811N Datasheet HTML 18Page - STMicroelectronics STW4811N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
15/85
4
Functional description
4.1
Introduction
The STw4811 integrates all the power supplies for a multimedia processor as well as
memories and peripherals:
●
Two switched mode power supply regulators: one for the multimedia processor core,
one for multimedia processor I/Os and memories
●
Three low-drop output regulators for multimedia processor analog supplies
(PLL and others) and auxiliary components
●
USB OTG FS/LS physical interface
●
MMC card power supplies and level shifters
●
Multimedia processor supply monitoring / power-on reset and power supply alarms /
interrupt management
●
Two serial I2C communication interfaces; one to control the devices (SDA, SCL) and
one to control the USB (USBSDA, USBSCL).
4.2
Digital control module
This module describes the interfaces used to program the device and the related registers.
4.2.1
State machine
Description of each states: (
Figure 3.)
OFF: In this mode the STw4811 is switched off. Off is when PON=0, when battery level is
under 2.4 V or when thermal shutdown is activated. There is no multimedia processor
power supply. The only active cell is the USB cable detection and VBAT level detection.
OSC_START: Oscillator is enabled and the power up module is waiting for the rising edge of
the internal signal OSC_OK to start power up sequence. This state duration is 300 µs.
START_BIAS: Bias, reference and thermal shut-down are enabled, a counter is activated to
wait for rising edge of internal signals PDN_regulators. This state duration has a typical
value of 7.77 ms and a worst case value of 9.46 ms.
START_PM: after a 1 ms wait, multimedia processor power supplies are available
(VIO_VMEM, VCORE, VPLL, and VANA). The device can allow I2C communication, output
power supply monitoring and application (USB,SD/MMC/SDIO).
OFF2: STw4811 is waiting for the 32 kHz multimedia processor signal. This state has an
indeterminate duration. If 32kHz is present during the states describes above, it has no
effect. The 32 kHz signal is taken into account by STw4811 only when the ‘VDDOK’ ball is
high, that is at the end of START_PM state.
RESET: STw4811 forces a reset during 11*1/32 kHz period before setting PORn high.
INT_OSC: The STw4811 can work without MASTER_CLK via its internal oscillator. The
device waits for an external clock detection before switching to the external clock. When
receiving a rising edge on PWREN ball (coming from multimedia processor) or on
TCXO_EN ball (coming from modem), STw4811 answers by asserting to “1” the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com