Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811N Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 19Page - STMicroelectronics STW4811N Datasheet HTML 20Page - STMicroelectronics STW4811N Datasheet HTML 21Page - STMicroelectronics STW4811N Datasheet HTML 22Page - STMicroelectronics STW4811N Datasheet HTML 23Page - STMicroelectronics STW4811N Datasheet HTML 24Page - STMicroelectronics STW4811N Datasheet HTML 25Page - STMicroelectronics STW4811N Datasheet HTML 26Page - STMicroelectronics STW4811N Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
23/85
Register summary
Table 7.
Register summary
Register
Addr.
7
6
5
43
210
Vendor ID
00h
1
0
0
00
011
01h
0
0
0
00
100
Product ID
02h
0
0
0
10
001
03h
0
1
0
00
000
USB control
register 1
04h
05h
Not used uart_en
oe_int_en
bdis_
acon_en
not used
dat_se0
suspend
speed
USB control
register 2
06h
07h
vbus_
chrg
vbus_
dischrg
vbus_
drv
id_gnd
dn_
pulldown
dp_
pulldown
dn_
pullup
dp_
pullup
USB interrupt
source
08h
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vld
USB interrupt
latch
0Ah
0Bh
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vld
USB interrupt
mask false
0Ch
0Dh
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vld
USB interrupt
mask true
0Eh
0Fh
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vld
USB EN
10h
Not used
B_sess_
end
Not used
th_
Bdevice
usb_en
not used
Configuration 1
11h
pdn_
vaux
it_warn
monitoring
_vio_
vmem_
vcore
mmc_ls_
status
vmmc_sel[2:0]
pdn_
vmmc
Configuration 2
20h
not used
not used
gpo2
gpo1
mask_it_
wake_up
external_
vmmc
mask_
twarn
Vcore_Sleep
21h
not used
vcore_
available
vcore_sleep[3:0]
Table 8.
Power control register
Addr.
1514
1312
11
10
9
8
1Fh
Not used
reg address 2 bits
Addr.
7
65
43
21
0
1 Eh
reg address 3 bits
data din/dout 4 bits
ena write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com