Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811N Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 12Page - STMicroelectronics STW4811N Datasheet HTML 13Page - STMicroelectronics STW4811N Datasheet HTML 14Page - STMicroelectronics STW4811N Datasheet HTML 15Page - STMicroelectronics STW4811N Datasheet HTML 16Page - STMicroelectronics STW4811N Datasheet HTML 17Page - STMicroelectronics STW4811N Datasheet HTML 18Page - STMicroelectronics STW4811N Datasheet HTML 19Page - STMicroelectronics STW4811N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
Functional description
STw4811M/STw4811N
16/85
CD00131784
REQUEST_MC ball. STw4811 remains in internal oscillator mode until it receives the
external clock signal on MASTER_CLK ball (optional).
EXT_CLK: if MASTER_CLK is used, when detected, the STw4811 uses this clock as
reference and switches off its internal oscillator. MASTERCLK should remain connected up
to sleep mode.
SLEEP: sleep mode is required by multimedia processor by setting a PWREN at low level.
Then VDDOK is forced to 0, regulators (VCORE, VIO_VMEM) switch to sleep mode and
wait for PWREN at high level (
Figure 4).
WAKE-UP: from sleep mode, the multimedia processor requests to switch back to high
power mode. Thus the device restarts its internal oscillator and then switches regulators
from SLEEP to high power mode and informs multimedia processor with VDDOK at high
level (
Figure 4).
Note:
The default state of VAUX is different for STw4811M and for STw4811N.
- VAUX default state is OFF at start up for STw4811M.
- VAUX default state is ON at start up for STw4811N.
VAUX can be programmed in high power mode only by asserted pdn_vaux bit to “1”
(Table 18).
If MASTER_CLK is used instead of internal oscillator all the features are not supported in
sleep mode (see Section 4.2.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com