Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811N Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 18Page - STMicroelectronics STW4811N Datasheet HTML 19Page - STMicroelectronics STW4811N Datasheet HTML 20Page - STMicroelectronics STW4811N Datasheet HTML 21Page - STMicroelectronics STW4811N Datasheet HTML 22Page - STMicroelectronics STW4811N Datasheet HTML 23Page - STMicroelectronics STW4811N Datasheet HTML 24Page - STMicroelectronics STW4811N Datasheet HTML 25Page - STMicroelectronics STW4811N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
Functional description
STw4811M/STw4811N
22/85
CD00131784
4.2.5
Control registers
Control registers have the following functions:
●
select level of regulation for multimedia processor supply
●
control the USB interface
●
control the SD/MMC/SDIO interface
●
control the state machine
Table 6.
Register general information
Address
Comment
I2C control
00h to 10h
USB registers (Table 9 to Table 17)
USBSDA / USBSCL or SDA / SCL (1)
11h
Configuration 1 register (Table 18)
SDA / SCL
12h to 1Dh
Reserved registers
1Eh to 1Fh
Power control registers (Table 19 to Table 27)
SDA / SCL
20h
Configuration 2 register (Table 28)
SDA / SCL
21h
VCORE_sleep (
Table 29)SDA/SCL
1.
Controlled by USB_I2C_CTRL bit of
power control register (Table 23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com