Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 14Page - STMicroelectronics STW4811N Datasheet HTML 15Page - STMicroelectronics STW4811N Datasheet HTML 16Page - STMicroelectronics STW4811N Datasheet HTML 17Page - STMicroelectronics STW4811N Datasheet HTML 18Page - STMicroelectronics STW4811N Datasheet HTML 19Page - STMicroelectronics STW4811N Datasheet HTML 20Page - STMicroelectronics STW4811N Datasheet HTML 21Page - STMicroelectronics STW4811N Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
Functional description
STw4811M/STw4811N
18/85
CD00131784
Figure 4.
Switching power to sleep timing
Register reset
In the event of a hardware reset coming from the modem, PON ball set to “0”, all registers
are reset at initial value when PON ball goes back to “1” level.
A software reset from multimedia processor of STw4811, through SW_RESETn ball set to
“0”, resets all registers except
power control register (at address 1E & 1F) and the
configuration 2 register at address 20h.
Main clock oscillator control
REQUEST_MC is an OR output gate between PWREN (coming from multimedia processor)
and TCXO_EN (coming from modem supply), it is synchronized on 32 kHz, except during
power-up where PWREN is masked and considered as high.
REQUEST_MC enabled or disabled the master clock oscillator device.
PDN_regulators
VDDOK
CLK32K
PWREN
Sleep regulators
HPM
Sleep
HPM
MASTER_CLK
Internal_OSC
PDN_intOSC
int_OSC _detect
~100µs
REQUEST_MC
TCXO_EN
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com