Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124YMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
7
M9999-060810-D
Typical Characteristics
Feedback Voltage
vs. Temperature
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
0.804
0.805
-40 -20
0
20
40
60
80 100 120
TEM PERATURE (ºC)
Switching Frequency
vs. Load
240
260
280
300
320
340
360
02
46
8
10
OUTPUT CURRENT (A)
Switching Frequency
vs. HSD Voltage
240
260
280
300
320
340
360
36
9
12
15
18
VHSD VOLTAGE (V)
Switching Frequency
v s. Temperature
240
260
280
300
320
340
360
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
Current-Limit Threshold
vs. Feedback Voltage
0
30
60
90
120
150
0
2040
6080
100
FEEDBACK VOTLAGE (%)
Current Limit Threshold
v s. Temperature
0
30
60
90
120
150
-40 -20
0
20
406080 100 120
T EMPERAT URE (°C)
Shutdown Current
v s. Input Voltage
0
200
400
600
800
1000
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VIN = 5V
VHSD = 12V
VIN = 5V
VIN = 5V
VOUT = 1.8V
IOUT = 5A
VHSD = 5V
VIN = 5V
VIN= 5V
FB = 0.8V
FB = 0V
VHSD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com