Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124YMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2124YMM Datasheet HTML 1Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 2Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
3
M9999-060810-D
Absolute Maximum Ratings(1)
IN, FB to GND .................................................. -0.3V to +6V
BST to LX ......................................................... -0.3V to +6V
BST to GND ................................................... -0.3V to +35V
DH to LX.............................................-0.3V to (VBST + 0.3V)
DL, COMP to GND...............................-0.3V to (VIN + 0.3V)
HSD to GND..................................................... -0.3V to 29V
PGND to GND ............................................... -0.3V to +0.3V
Power Dissipation TA=70°C
(3)...................Internally Limited
Storage Temperature (TS)..........................-65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings(2)
Input Voltage (VIN)............................................ 3.0V to 5.5V
Supply Voltage (VHSD) ....................................... 3.0V to 18V
Ambient Temperature (TA) ...........................-40°C to +85°C
Junction Temperature (TJ) .........................-40°C to +125°C
Junction Thermal Resistance MSOP (
θJA) ............130°C/W
Junction Thermal Resistance MSOP (
θJC) ..............43°C/W
Electrical Characteristics(5)
VHSD = 13.2V, VIN = 5V, VBST - VLX = 5V; TA = 25°C, unless noted. Bold values indicate -40°C ≤ TA ≤ +85°C.
Parameter
Conditions
Min
Typ
Max
Units
General
Operating Input Voltage (VIN)
(6)
3.0
5.5
V
HSD Voltage Range (VHSD)
3.0
18
V
Quiescent Supply Current
VFB = 1.5V
1.4
2
mA
Shutdown Current
VEN/COMP = GND
1
2
mA
Under-Voltage Lockout
Under-voltage Lockout Trip Level
Rising edge
2.5
2.7
2.93
V
UVLO Hysteresis
40
mV
DC-DC Controller
Output-Voltage Adjust Range
(VOUT)
Depends on external components and the
maximum duty cycle.
0.8
V
Error Amplifier
FB Regulation Voltage
0°C ≤ TA ≤ 85°C
-1
±0.2
1
%
FB Regulation Voltage
-40°C ≤ TA ≤ 85°C
-2.5
±0.2
1
%
Transconductance gm
70
110
160
µS
COMP Output Voltage Swing
0.5
2.3
V
FB Input Leakage Current
VFB = 0.8V
1
500
nA
On Timer
Switching Frequency
240
300
360
kHz
Maximum Duty Cycle
VHSD = 4V, VIN = 5V, VLX = 3.33V
89
91
93
%
Minimum Duty Cycle
FB > 0.8V
0
%
Short Current Protection
Current Limit 1
VFB = 0.8V
110
127
145
mV
Current Limit 2
VFB = 0V
21
36
51
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com