Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124YMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 11Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 12Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 13Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 14Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
11
M9999-060810-D
MOSFET Gate Drive
The MIC2124 high-side drive circuit is designed to
switch an N-Channel MOSFET. The typical application
circuit shows a bootstrap circuit, consisting of a Schottky
diode D1 and 0.1μF boostrap capacitor CBST, as shown
in the typical application schematic on Page 1. This
circuit supplies energy to the high-side drive circuit.
Capacitor CBST is charged while the low-side MOSFET is
on and the voltage on the LX pin is approximately 0V.
When the high-side MOSFET driver is turned on, energy
from CBST is used to turn the MOSFET on. As the high-
side MOSFET turns on, the voltage on the LX pin
increases to approximately VHSD. Diode D1 is reversed
biased and CBST floats high while continuing to keep the
high-side MOSFET on. The bias current of the high-side
driver is less than 10mA so a 0.1μF to 1μF is sufficient to
hold the gate voltage with minimal droop for the power
stroke (high-side switching) cycle, i.e., ΔBST = 10mA x
3.33μs/0.1μF = 333mV. When the low-side MOSFET is
turned back on, CBST is recharged through D1. A small
resistor RG, which is in series with CBST, can be used to
slow down the turn-on time of the high-side N-Channel
MOSFET.
The drive voltage is derived from the supply voltage VIN.
The nominal low-side gate drive voltage is VIN and the
nominal high-side gate drive voltage is approximately
VIN - VDIODE, where VDIODE is the voltage drop across D1.
A dead-time of approximate 30ns between the high-side
and low-side driver transitions is used to prevent current
from simultaneously flowing unimpeded through both
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com