Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124YMM Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 11Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 12Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 13Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 14Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 15Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
12
M9999-060810-D
Application Information
MOSFET Selection
The MIC2124 controller works from input voltages of 3V
to 18V and has an external 3V to 5.5V VIN supply to
provide power to turn the external N-Channel power
MOSFETs for the high-side and low-side switches. For
applications where VIN < 5V, it is necessary that the
power MOSFETs used are sub-logic level and are in full
conduction mode for VGS of 2.5V. For applications when
VIN > 5V; logic-level MOSFETs, whose operation is
specified at VGS = 4.5V must be used.
There are different criteria for choosing the high-side and
low-side MOSFETs. These differences are more
significant at lower duty cycles such as 12V to 1.8V
conversion. In such an application, the high-side
MOSFET is required to switch as quickly as possible to
minimize transition losses, whereas the low-side
MOSFET can switch slower, but must handle larger
RMS currents. When the duty cycle approaches 50%,
then the on-resistance of the high-side MOSFET starts
to become critical.
It is important to note that the on-resistance of a
MOSFET increases with increasing temperature. A 75°C
rise in junction temperature will increase the channel
resistance of the MOSFET by 50% to 75% of the
resistance specified at 25°C. This change in resistance
must be accounted for when calculating MOSFET power
dissipation and in calculating the value of current limit.
Total gate charge is the charge required to turn the
MOSFET on and off under specified operating conditions
(VDS and VGS). The gate charge is supplied by the
MIC2124 gate-drive circuit. At 300kHz switching
frequency and above, the gate charge can be a
significant source of power dissipation in the MIC2124.
At low output load, this power dissipation is noticeable
as a reduction in efficiency. The average current
required to drive the high-side MOSFET is:
SW
G
side]
-
G[high
f
Q
(avg)
I
×
=
(4)
where:
IG[high-side](avg) = Average high-side MOSFET gate
current
QG = Total gate charge for the high-side MOSFET taken
from the manufacturer’s data sheet for VGS = VIN.
fSW = Switching Frequency (300kHz)
The low-side MOSFET is turned on and off at VDS = 0
because an internal body diode or external freewheeling
diode is conducting during this time. The switching loss
for the low-side MOSFET is usually negligible. Also, the
gate-drive current for the low-side MOSFET is more
accurately calculated using CISS at VDS = 0 instead of
gate charge.
For the low-side MOSFET:
SW
GS
ISS
side]
-
G[low
f
V
C
(avg)
I
×
×
=
(5)
Since the current from the gate drive comes from the
VIN, the power dissipated in the MIC2124 due to gate
drive is:
(avg))
I
(avg)
.(I
V
P
side]
-
G[low
side]
-
G[high
IN
GATEDRIVE
+
=
(6)
A convenient figure of merit for switching MOSFETs is
the on-resistance times the total gate charge RDS(ON) ×
QG. Lower numbers translate into higher efficiency. Low
gate-charge logic-level MOSFETs are a good choice for
use with the MIC2124. Also, the RDS(ON) of the low-side
MOSFET will determine the current limit value. Please
refer to “Current Limit” subsection in “Functional
Description” for more details.
Parameters that are important to MOSFET switch
selection are:
•
Voltage rating
•
On-resistance
•
Total gate charge
The voltage ratings for the high-side and low-side
MOSFETs are essentially equal to the power stage input
voltage VHSD. A safety factor of 20% should be added to
the VDS(max) of the MOSFETs to account for voltage
spikes due to circuit parasitic elements.
The power dissipated in the MOSFETs is the sum of the
conduction losses during the on-time (PCONDUCTION) and
the switching losses during the period of time when the
MOSFETs turn on and off (PAC).
AC
CONDUCTION
SW
P
P
P
+
=
(7)
DS(ON)
2
SW(RMS)
CONDUCTION
R
I
P
×
=
(8)
AC(on)
)
AC(off
AC
P
P
P
+
=
(9)
where:
RDS(ON) = on-resistance of the MOSFET switch
D = Duty Cycle = VOUT / VHSD
Making the assumption that the turn-on and turn-off
transition times are equal; the transition times can be
approximated by:
G
HSD
OSS
IN
ISS
T
I
V
C
V
C
t
×
+
×
=
(10)
where:
CISS and COSS are measured at VDS = 0
IG = gate-drive current
The total high-side MOSFET switching loss is:
SW
T
PK
D
HSD
AC
f
t
I
)
V
(V
P
×
×
×
+
=
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com