Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124YMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2124YMM Datasheet HTML 1Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 2Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
2
M9999-060810-D
Ordering Information
Part Number
Voltage
Switching Frequency
Junction Temp. Range
Package
Lead Finish
MIC2124YMM
Adj.
300kHz
–40° to +125°C
10-Pin MSOP
Pb-Free
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
HSD
High-Side N-MOSFET Drain Connection (Input): Input voltage for the internal sensing of external
power stage supply. The HSD operating voltage range is from 3V to 18V. Input capacitors between
HSD and the power ground (PGND) are required.
2
EN/COMP
Enable (Input): Floating = enable, logic low = shutdown. In the off state, supply current of the device is
greatly reduced (typically 1mA).
COMP (Output): Output of the gm error amplifier and connects to the components for the external
compensation.
3
FB
Feedback (Input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
4
GND
Signal ground. GND is the ground path for the device input voltage VIN and the control circuitry. The
loop for the signal ground should be separate from the power ground (PGND) loop.
5
IN
Input Voltage (Input): Power to the internal reference and control sections of the MIC2124. The IN
operating voltage range is from 3V to 5.5V. A 2.2µF ceramic capacitors from IN to GND are
recommended for clean operation. Connect IN to HSD when VHSD < 5.5V.
6
DL
Low-Side Drive (Output): High-current driver output for external low-side MOSFET. The DL driving
voltage swings from ground-to-IN.
7
PGND
Power Ground. PGND is the ground path for the MIC2124 buck converter power stage. The PGND
pin connects to the sources of low-side N-Channel MOSFETs, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The loop for the power ground should be
as small as possible and separate from the Signal ground (GND) loop.
8
DH
High-Side Drive (Output): High-current driver output for external high-side MOSFET. The DH driving
voltage is floating on the switch node voltage (LX). It swings from VLX to VBST.
9
LX
Switch Node (Input): High-current output driver return. The LX pin connects directly to the switch
node. Due to the high speed switching on this pin, the LX pin should be routed away from sensitive
nodes.
Current Sense input (Input): LX pin also senses the current for the current mode control and short
circuit protection by monitoring the voltage across the low-side MOSFET during OFF time. In order to
sense the current accurately, connect the low-side MOSFET drain to LX using a Kelvin connection.
10
BST
Boost (Output): Bootstrapped voltage to the high-side N-channel MOSFET driver. A Schottky diode is
connected between the IN pin and the BST pin. A boost capacitor of 0.1μF is connected between the
BST pin and the LX pin. Adding a small resistor at BST pin can slow down the turn-on time of high-
side N-Channel MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com