Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101QTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STHDLS101QTR
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101QTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STHDLS101QTR Datasheet HTML 4Page - STMicroelectronics STHDLS101QTR Datasheet HTML 5Page - STMicroelectronics STHDLS101QTR Datasheet HTML 6Page - STMicroelectronics STHDLS101QTR Datasheet HTML 7Page - STMicroelectronics STHDLS101QTR Datasheet HTML 8Page - STMicroelectronics STHDLS101QTR Datasheet HTML 9Page - STMicroelectronics STHDLS101QTR Datasheet HTML 10Page - STMicroelectronics STHDLS101QTR Datasheet HTML 11Page - STMicroelectronics STHDLS101QTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Pin configuration
STHDLS101
8/25
Pin
number
Name
Type
Function
14
OUT_D4-
Output
HDMI 1.3 compliant TMDS output.
OUT_D4- makes a differential output signal with
OUT_D4+.
15
VCC33
Power
3.3 V±10% DC supply
16
OUT_D3+
Output
HDMI 1.3 compliant TMDS output.
OUT_D3+ makes a differential output signal with
OUT_D3-.
17
OUT_D3-
Output
HDMI 1.3 compliant TMDS output.
OUT_D3- makes a differential output signal with
OUT_D3+.
18
GND
Power
Ground
19
OUT_D2+
Output
HDMI 1.3 compliant TMDS output.
OUT_D2+ makes a differential output signal with
OUT_D2-.
20
OUT_D2-
Output
HDMI 1.3 compliant TMDS output.
OUT_D2- makes a differential output signal with
OUT_D2+.
21
VCC33
Power
3.3 V±10% DC supply
22
OUT_D1+
Output
HDMI 1.3 compliant TMDS output. OUT_D1+ makes a
differential output signal with OUT_D1-.
23
OUT_D1-
Output
HDMI 1.3 compliant TMDS output. OUT_D1- makes a
differential output signal with OUT_D1+.
24
GND
Power
Ground
25
OE_N
Input
Enable for level shifter path. 3.3 V tolerant low-voltage
single-ended input. Internal pull-down enables the
device when unconnected.
OE_N
IN_D
termination
OUT_D
Outputs
1
High-Z
High-Z
050
Ω
Active
26
VCC33
Power
3.3 V±10% DC supply
27
GND
Power
Ground
28
SCL_SINK
Output
5 V DDC clock I/O. Pulled-up by external termination to
5 V. Connected to SCL_SOURCE through voltage-
limiting integrated NMOS pass-gate.
29
SDA_SINK
I/O
5V DDC data I/O. Pulled-up by external termination to
5V. Connected to SDA_SOURCE through voltage-
limiting integrated NMOS pass-gate.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com