Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101QTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STHDLS101QTR
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101QTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STHDLS101QTR Datasheet HTML 15Page - STMicroelectronics STHDLS101QTR Datasheet HTML 16Page - STMicroelectronics STHDLS101QTR Datasheet HTML 17Page - STMicroelectronics STHDLS101QTR Datasheet HTML 18Page - STMicroelectronics STHDLS101QTR Datasheet HTML 19Page - STMicroelectronics STHDLS101QTR Datasheet HTML 20Page - STMicroelectronics STHDLS101QTR Datasheet HTML 21Page - STMicroelectronics STHDLS101QTR Datasheet HTML 22Page - STMicroelectronics STHDLS101QTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STHDLS101
Application information
19/25
6
Application information
6.1
Power supply sequencing
A proper power supply sequencing is advised for all CMOS devices. It is
recommended to always apply VCC before applying any signals to the input/output
or control pins.
6.2
Supply bypassing
Bypass each of the VCC pins with 0.1µF and 1nF capacitors in parallel as close to the device
as possible, with the smaller valued capacitor as close to the VCC pin of the device as
possible.
6.3
Differential traces
The high-speed inputs and TMDS outputs are the most critical parts for the device. There
are several considerations to minimize discontinuities on these transmission lines between
the connectors and the device.
a)
Maintain 100
Ω differential transmission line impedance into and out of the device.
b)
Keep an uninterrupted ground plane below the high-speed I/Os.
c)
Keep the ground-path vias to the device as close as possible to allow the shortest
return current path.
d)
Layout of the TMDS differential outputs should be with the shortest stubs from the
connectors.
Output trace characteristics affect the performance of the STHDLS101. Use controlled
impedance traces to match trace impedance to both the transmission medium impedance
and termination resistor. Run the differential traces close together to minimize the effects of
the noise. Reduce skew by matching the electrical length of the traces. Avoid discontinuities
in the differential trace layout. Avoid 90
° C turns and minimize the number of vias to further
prevent impedance discontinuities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com