Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101QTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHDLS101QTR
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101QTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHDLS101QTR Datasheet HTML 5Page - STMicroelectronics STHDLS101QTR Datasheet HTML 6Page - STMicroelectronics STHDLS101QTR Datasheet HTML 7Page - STMicroelectronics STHDLS101QTR Datasheet HTML 8Page - STMicroelectronics STHDLS101QTR Datasheet HTML 9Page - STMicroelectronics STHDLS101QTR Datasheet HTML 10Page - STMicroelectronics STHDLS101QTR Datasheet HTML 11Page - STMicroelectronics STHDLS101QTR Datasheet HTML 12Page - STMicroelectronics STHDLS101QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STHDLS101
Pin configuration
9/25
Pin
number
Name
Type
Function
30
HPD_SINK
Input
Low-frequency, 0 to 5 V (nominal) input signal. This
signal comes from the HDMI connector. Voltage high
indicates “plugged” state; voltage low indicates
“unplugged” state. HPD_SINK is pulled down by an
integrated 160 KΩ pull-down resistor.
31
GND
Power
Ground
32
DDC_EN
Input
Enables bias voltage to the DDC pass-gate level shifter
gates. (May be implemented as a bias voltage
connection to the DDC pass-gate themselves).
DDC_EN
Pass-gate
0 V
Disabled
3.3 V
Enabled
33
VCC33
Power
3.3 V ± 10% DC supply
34
FUNCTION3
Vendor-specific
control or test
pins
Function pins are to enable vendor-specific features or
test modes.
For normal operation, these pins are tied to GND or
VCC33.
For consistent interoperability, GND is the preferred
default connection for these signals.
35
FUNCTION4
Vendor-specific
control or test
pins
Function pins are to enable vendor-specific features or
test modes.
For normal operation, these pins are tied to GND or
VCC33.
For consistent interoperability, GND is the preferred
default connection for these signals.
36
GND
Power
Ground
37
GND
Power
Ground
38
IN_D1-
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D1- makes a differential pair with IN_D1+.
39
IN_D1+
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D1+ makes a differential pair with IN_D1-.
40
VCC33
Power
3.3 V±10% DC supply
41
IN_D2-
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D2- makes a differential pair with IN_D2+.
42
IN_D2+
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D2+ makes a differential pair with IN_D2-.
43
GND
Power
Ground
44
IN_D3-
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D3- makes a differential pair with IN_D3+.
45
IN_D3+
Input
Low-swing differential input from GMCH PCIE outputs.
IN_D3+ makes a differential pair with IN_D3-.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com