Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101QTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHDLS101QTR
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101QTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHDLS101QTR Datasheet HTML 7Page - STMicroelectronics STHDLS101QTR Datasheet HTML 8Page - STMicroelectronics STHDLS101QTR Datasheet HTML 9Page - STMicroelectronics STHDLS101QTR Datasheet HTML 10Page - STMicroelectronics STHDLS101QTR Datasheet HTML 11Page - STMicroelectronics STHDLS101QTR Datasheet HTML 12Page - STMicroelectronics STHDLS101QTR Datasheet HTML 13Page - STMicroelectronics STHDLS101QTR Datasheet HTML 14Page - STMicroelectronics STHDLS101QTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STHDLS101
Functional description
11/25
4
Functional description
This section describes the basic functionality of the STHDLS101 device.
Power supply
The STHDLS101 is powered by a single DC power supply of 3.3 V ± 10%.
Clocking
This device does not retime any data. The device contains no state machines. No inputs or
outputs of the device are latched or clocked.
Reset
This device acts as a level shifter, reset is not required.
OE_N function
When OE_N is asserted (low level), the IN_D and OUT_D signals are fully functional. Input
termination resistors are enabled and any internal bias circuits are turned on.
The OE_N pin has an internal pull-down that enables the chip if left unconnected.
When OE_N is de-asserted (high level), the OUT_D outputs are in high impedance state.
The IN_D input buffers are disabled and the IN_D termination resistors are disabled.
Internal bias circuits for the differential inputs and outputs are turned off. Power consumption
of the chip is minimized.
The HPD_SINK input and HPD_SOURCE output are not affected by OE_N. The SCL and
SDA pass-gates are not affected by OE_N.
Table 3.
OE_N description
OE_N
Device state
Comments
Asserted
(low level)
or unconnected
Differential input buffers and output
buffers enabled. Input impedance =
50
Ω
Normal functioning state for IN_D to
OUT_D level shifting function.
De-asserted
(high level)
Low-power state.
Differential input buffers and
terminations are disabled. Differential
input buffers are in high-impedance
state.
OUT_D level shifting outputs are
disabled. OUT_D level shifting outputs
are in a high-impedance state.
Internal bias currents are turned off.
Intended for lowest power condition
when:
• No display is plugged in or
• The level shifted data path is disabled
HPD_SINK input and HPD_SOURCE
output are not affected by OE_N.
SCL_SOURCE, SCL_SINK,
SDA_SOURCE and SDA_SINK signals
and functions are not affected by OE_N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com