Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STHDLS101QTR
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STHDLS101QTR Datasheet HTML 9Page - STMicroelectronics STHDLS101QTR Datasheet HTML 10Page - STMicroelectronics STHDLS101QTR Datasheet HTML 11Page - STMicroelectronics STHDLS101QTR Datasheet HTML 12Page - STMicroelectronics STHDLS101QTR Datasheet HTML 13Page - STMicroelectronics STHDLS101QTR Datasheet HTML 14Page - STMicroelectronics STHDLS101QTR Datasheet HTML 15Page - STMicroelectronics STHDLS101QTR Datasheet HTML 16Page - STMicroelectronics STHDLS101QTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
STHDLS101
Maximum ratings
13/25
5
Maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground potential
-0.5 to +4.0
V
VI
DC input voltage (TMDS and PCIe ports)
-0.5 to +4.0
V
Control pins
-0.5 to +4.0
V
SDA_SINK, SCL_SINK, HPD_SINK pins
-0.5 to +6
V
IO
DC output current
120
mA
PD
Power dissipation
1
W
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
VESD
Electrostatic discharge
voltage on IOs(1)
1.
In accordance with the MIL standard 883 method 3015
Human body model
±6
kV
Table 6.
Thermal data
Symbol
Parameter
QFN-48
Unit
θ
JA
Junction-ambient thermal coefficient
48
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com