Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005APBF Datasheet(PDF) 2 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 2 Page - International Rectifier

  IP2005APBF Datasheet HTML 1Page - International Rectifier IP2005APBF Datasheet HTML 2Page - International Rectifier IP2005APBF Datasheet HTML 3Page - International Rectifier IP2005APBF Datasheet HTML 4Page - International Rectifier IP2005APBF Datasheet HTML 5Page - International Rectifier IP2005APBF Datasheet HTML 6Page - International Rectifier IP2005APBF Datasheet HTML 7Page - International Rectifier IP2005APBF Datasheet HTML 8Page - International Rectifier IP2005APBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PD-60325
iP2005APbF
V
IN to PGND …………………………..…..-0.5V to 16.5V
V
DD to PGND ………………….…….…….-0.5V to 7.5V
CV
CC to PGND ……..….……..…………...-0.5V to 7.5V
PWM to P
GND …………………….………-0.5V to VDD + 0.5V (Note 1)
ENABLE to P
GND ……………..…………-0.5V to VDD + 0.5V (Note 1)
Storage Temperature …………………..-60ºC to 150ºC
Block Temperature ………….………….-40ºC to 150ºC (Note 2)
ESD Rating……………………………....JEDEC, JESD22-A114 (HBM[4KV], Class 3A)
………………………………..JEDEC, JESD22-A115 (MM[400V], Class C)
MSL Rating………………………..……..3
Reflow Temperature …..………………..260ºC Peak
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to P
GND)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those listed in the “Recommended
Operating Conditions” section of this specification is not implied.
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Supply Voltage (V
DD)
4.5
-
7.0
V
Input Voltage (V
IN)
6.5
-
13.2
V
Output Voltage (V
OUT)-
-
5.5
V
Output Current (I
OUT)-
-
40
A
Switching Frequency
250
-
1500
kHz
On Time Duty Cycle
-
-
85
%
Minimum V
SW On Time
60
-
-
ns
V
DD = 5.0V, VIN = 12V
Block Temperature (T
BLK)
-40
-
125
ºC
(Note 2)
www.irf.com
2/8/2008
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com