Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005APBF Datasheet(PDF) 8 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IP2005APBF Datasheet HTML 4Page - International Rectifier IP2005APBF Datasheet HTML 5Page - International Rectifier IP2005APBF Datasheet HTML 6Page - International Rectifier IP2005APBF Datasheet HTML 7Page - International Rectifier IP2005APBF Datasheet HTML 8Page - International Rectifier IP2005APBF Datasheet HTML 9Page - International Rectifier IP2005APBF Datasheet HTML 10Page - International Rectifier IP2005APBF Datasheet HTML 11Page - International Rectifier IP2005APBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PD-60325
iP2005APbF
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that
allows one to solve for maximum current capability in a simplified graphical manner. It
incorporates the ability to solve thermal problems where heat is drawn out through the
printed circuit board and the top of the case. Please refer to International Rectifier
Application Note AN1047 for further details on using this SOA curve in your thermal
environment.
Procedure
1.Calculate (based on estimated Power Loss) or measure the Case temperature on the
device and the Board temperature near the device (1mm from the edge).
2.Draw a line from Case Temperature axis to the PCB Temperature axis.
3.Draw a vertical line from the T
X axis intercept to the SOA curve.
4.Draw a horizontal line from the intersection of the vertical line with the SOA curve to the Y-
axis (Output Current). The point at which the horizontal line meets the Y-axis is the SOA
continuous current.
VIN = 12.0V
VDD = 5.0V
VOUT = 1.3V
FSW = 1MHz
LOUT = 300nH
Figure 10 SOA Example, Continuous current
≈ 31A for T
PCB = 100ºC & TCASE = 110ºC
www.irf.com
2/8/2008
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com