Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005APBF Datasheet(PDF) 14 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IP2005APBF Datasheet HTML 10Page - International Rectifier IP2005APBF Datasheet HTML 11Page - International Rectifier IP2005APBF Datasheet HTML 12Page - International Rectifier IP2005APBF Datasheet HTML 13Page - International Rectifier IP2005APBF Datasheet HTML 14Page - International Rectifier IP2005APBF Datasheet HTML 15Page - International Rectifier IP2005APBF Datasheet HTML 16Page - International Rectifier IP2005APBF Datasheet HTML 17Page - International Rectifier IP2005APBF Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PD-60325
iP2005APbF
Figure 13 Top & Bottom Component and Via Placement (Topside, Transparent view down)
PCB Layout Guidelines
The following guidelines are recommended to reduce the parasitic values and optimize
overall performance.
• All pads on the iP2005A footprint design need to be Solder-mask defined (see Figure 12).
Also refer to International Rectifier application notes AN1028 and AN1029 for further
footprint design guidance.
• Place as many vias around the Power pads (V
IN, VSW, and PGND) for both electrical and
optimal thermal performance.
• A minimum of six 10µF, X5R, 16V ceramic capacitors per iP2005A are needed for greater
than 30A operation. This will result in the lowest loss due to input capacitor ESR.
• Placement of the ceramic input capacitors is critical to optimize switching performance. In
cases where there is a heatsink on the case of iP2005A, place all six ceramic capacitors
right underneath the iP2005A footprint (see Figure 13 Bottom Component Layer). In
cases where there is not heatsink, C1 and C6 on the bottom layer may be moved to the
C1x and C6x locations (respectively) on the top component layer (see Figure 13 Top
Component Layer). In both cases, C2 – C5 need to be placed right underneath the
iP2005A PCB footprint.
• Dedicate at least two layer to for P
GND only
• Duplicate the Power Nodes on multiple layers (refer to AN1029).
www.irf.com
2/8/2008
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com