Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005APBF Datasheet(PDF) 6 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IP2005APBF Datasheet HTML 2Page - International Rectifier IP2005APBF Datasheet HTML 3Page - International Rectifier IP2005APBF Datasheet HTML 4Page - International Rectifier IP2005APBF Datasheet HTML 5Page - International Rectifier IP2005APBF Datasheet HTML 6Page - International Rectifier IP2005APBF Datasheet HTML 7Page - International Rectifier IP2005APBF Datasheet HTML 8Page - International Rectifier IP2005APBF Datasheet HTML 9Page - International Rectifier IP2005APBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PD-60325
iP2005APbF
Typical Performance Curves
2/8/2008
www.irf.com
6
Figure 3 Normalized Power Loss vs. Input Voltage
Figure 4 Normalized Power Loss vs. Output Voltage
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
0.8
1.3
1.8
2.3
2.8
3.3
Output Voltage (V)
-0.9
-0.5
0.0
0.5
0.9
1.4
1.9
2.3
2.8
3.3
3.7
4.2
VIN = 12.0V
VDD = 5.0V
IOUT = 40A
FSW = 1MHz
LOUT = 300nH
TBLK = 125ºC
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
6
7
8
9
10
11
12
13
14
Input Voltage (V)
-2.4
-1.9
-1.4
-1.0
-0.5
0.0
0.5
1.0
1.4
1.9
2.4
VDD = 5.0V
VOUT = 1.3V
IOUT = 40A
FSW = 1MHz
LOUT = 300nH
TBLK = 125ºC
Figure 5 Normalized Power Loss vs. Inductance
Figure 6 Normalized Power Loss vs. Switching Frequency
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
250
500
750
1000
1250
1500
Switching Frequency (kHz)
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
VIN = 12.0V
VDD = 5.0V
VOUT = 1.3V
IOUT = 40A
LOUT = 300nH
TBLK = 125ºC
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output Inductance (µH)
-1.0
-0.7
-0.5
-0.2
0.0
0.2
0.5
0.7
1.0
1.2
1.4
1.7
VIN = 12.0V
VDD = 5.0V
VOUT = 1.3V
IOUT = 40A
FSW = 1MHz
TBLK = 125ºC
Figure 7 VDD Supply Current vs. Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com