Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005APBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP2005APBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005APBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP2005APBF Datasheet HTML 5Page - International Rectifier IP2005APBF Datasheet HTML 6Page - International Rectifier IP2005APBF Datasheet HTML 7Page - International Rectifier IP2005APBF Datasheet HTML 8Page - International Rectifier IP2005APBF Datasheet HTML 9Page - International Rectifier IP2005APBF Datasheet HTML 10Page - International Rectifier IP2005APBF Datasheet HTML 11Page - International Rectifier IP2005APBF Datasheet HTML 12Page - International Rectifier IP2005APBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PD-60325
iP2005APbF
Calculating Power Loss and SOA for Different Operating Conditions
To calculate Power Loss for a given set of operation conditions, the following procedure
should be followed:
Power Loss Procedure
1.Determine the maximum current for each iP2005A and obtain the maximum power loss
from Figure 1
2.Use the normalized curves to obtain power loss values that match the operating conditions
in the application
3.The maximum power loss under the application conditions is then the product of the power
loss from Figure 1 and the normalized values.
To calculate the Safe Operating Area (SOA) for a given set of operating conditions,
the following procedure should be followed:
SOA Procedure
1.Determine the maximum PCB and CASE temperature at the maximum operating current
for each iP2005A
2.Use the normalized curves to obtain SOA temperature adjustments that match the
operating conditions in the application
3.Then, add the sum of the SOA temperature adjustments to the T
X axis intercept in Figure
2
Design Example
Operating Conditions:
Output Current = 30A
Input Voltage = 10V
Output Voltage = 1.3V
Switching Freq = 750kHz Inductor = 0.2µH
Drive Voltage (V
DD) = 5V
Calculating Maximum Power Loss:
(Figure 1)
Maximum power loss = 9.0W
(Figure 3)
Normalized power loss for input voltage
≈ 0.95
(Figure 4)
Normalized power loss for output voltage
≈ 1.0
(Figure 5)
Normalized power loss for output inductor
≈ 1.026
(Figure 6)
Normalized power loss for switch frequency
≈ 0.87
Calculated Maximum Power Loss
≈ 9.0W x 0.95 x 1.0 x 1.026 x 0.87 ≈ 7.63W
www.irf.com
2/8/2008
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com