Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 2Page - Infineon Technologies AG TLE6711 Datasheet HTML 3Page - Infineon Technologies AG TLE6711 Datasheet HTML 4Page - Infineon Technologies AG TLE6711 Datasheet HTML 5Page - Infineon Technologies AG TLE6711 Datasheet HTML 6Page - Infineon Technologies AG TLE6711 Datasheet HTML 7Page - Infineon Technologies AG TLE6711 Datasheet HTML 8Page - Infineon Technologies AG TLE6711 Datasheet HTML 9Page - Infineon Technologies AG TLE6711 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
6
Rev. 3.4, 2007-08-16
TLE 6711
General Product Characteristics
3
General Product Characteristics
3.1
Absolute Maximum Ratings
Attention: Stresses above the ones listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Attention: Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as “outside” normal operating
range. Protection functions are not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
3.1.1
Boost input voltage
V
BOI
-0.3
46
V
–
3.1.2
Boost output voltage
V
BOOST
-0.3
46
V
–
3.1.3
Boost feedback voltage
V
BOFB
-0.3
46
V
–
3.1.4
Buck output voltage
V
BUO
-1
46
V
–
3.1.5
Buck driver supply voltage
V
BDS
-0.3
48
V
0
°C < Tj ≤ 150 °C
3.1.6
47
V
-40
°C ≤ Tj ≤ 0 °C
3.1.7
Buck compensation input voltage
V
BUC
-0.3
6.8
V
–
3.1.8
Logic supply voltage
V
CC
-0.3
6.8
V
–
3.1.9
Reset output voltage
V
RO
-0.3
6.8
V
–
3.1.10
System Enable output voltage
V
SEN
-0.3
6.8
V
–
3.1.11
Current reference voltage
V
R
-0.3
6.8
V
–
3.1.12
Watchdog input voltage
V
WDI
-0.3
6.8
V
–
3.1.13
OVL output voltage
V
OVL
-0.3
6.8
V
–
Temperatures
3.1.14
Junction Temperature
T
j
-40
150
°C
–
3.1.15
Storage Temperature
T
stg
-50
150
°C
–
ESD Susceptibility
3.1.16
All pins to GND
V
HBM
-2
2
kV
Human Body
Model;
R = 1.5 k
Ω;
C = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com