Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6711 Datasheet HTML 1Page - Infineon Technologies AG TLE6711 Datasheet HTML 2Page - Infineon Technologies AG TLE6711 Datasheet HTML 3Page - Infineon Technologies AG TLE6711 Datasheet HTML 4Page - Infineon Technologies AG TLE6711 Datasheet HTML 5Page - Infineon Technologies AG TLE6711 Datasheet HTML 6Page - Infineon Technologies AG TLE6711 Datasheet HTML 7Page - Infineon Technologies AG TLE6711 Datasheet HTML 8Page - Infineon Technologies AG TLE6711 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Type
Package
TLE 6711 G
PG-DSO-14-1
TLE 6711 GL
PG-DSO-20-36
P/PG-DSO-14-3, -8, -9, -11, 14
P/PG-DSO-20 -1, -6, -7, -9, -14, -15, -17, -18
Data Sheet
2
Rev. 3.4, 2007-08-16
Multifunctional Voltage Regulator and Watchdog
TLE 6711 G
TLE 6711 GL
Features
•
Step up converter (Boost Voltage)
•
Boost Over- and Under-Voltage-Lockout
•
Step down converter (Logic Voltage)
•
2% output voltage tolerance
•
Logic Over- and Under-Voltage-Lockout
•
Overtemperature Shutdown
•
Power ON/OFF reset generator
•
Digital window watchdog
•
System Enable Output
•
Ambient operation temperature range
-40
°C to 125 °C
•
Wide Supply voltage operation range
•
Very low current consumption
•
Very small PG-DSO-14-1 SMD package
•
Green Product (RoHS Compliant)
•
AEC Qualified
Description
The TLE 6711 G/GL is a multifunctional power supply circuit especially
designed for automotive applications.
It delivers a programmable step up voltage (Boost) and a precise 5 V
fully short circuit protected output voltage (Buck).
The TLE 6711 G/GL contains a power on reset feature to start up
the system, an integrated digital window watchdog to monitor the
connected microcontroller and a system enable output to indicate the microcontroller window watchdog faults.
The device is based on Infineon’s power technology SPT® which allows bipolar and CMOS control circuitry to be
integrated with DMOS power devices on the same monolithic circuitry.
The very small PG-DSO-14-1 SMD packages meet the application requirements.
Furthermore, the build-in features like under- and overvoltage lockout for boost- and buck-voltage and the
overtemperature shutdown feature increase the reliability of the TLE 6711 G/GL supply system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com