Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 14Page - Infineon Technologies AG TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
18
Rev. 3.4, 2007-08-16
TLE 6711
Circuit Description
4.5.42
Reset duration;
after watchdog time-out
t
WDR
–
64
–
t
CYL
V
CC ≥ 4.8 V
4.5.43
Open window time
t
OW
–
32
–
t
CYL
V
CC ≥ 4.8 V
4.5.44
Closed window time
t
CW
–
32
–
t
CYL
V
CC ≥ 4.8 V
4.5.45
Window watchdog trigger time
t
WD
–
46.4
–
t
CYL
V
CC ≥ 4.8 V
Electrical Characteristics: System Enable Output; SEN
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.46
Enable low voltage
V
SENL
–
0.2
0.4
V
I
SENL = 2 mA;
2.5 V <
V
CC < VRT
4.5.47
Enable low voltage
V
SENL
–
0.2
0.4
V
I
SENL = 0.2 mA;
1 V <
V
CC < VRT
4.5.48
Enable high voltage
V
SENH
V
CC -
0.1
–
V
CC +
0.1
V
I
SENH = 0 mA
4.5.49
Enable pull-up current
I
SEN
–
240
–
µA
0 V <
V
SEN < 4 V
Electrical Characteristics: Boost Status Output; OVL
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.50
Enable low voltage
V
OVLL
–
0.2
0.4
V
I
OVLL = 1 mA;
2.5 V <
V
CC < VRT
4.5.51
Boost feedback threshold voltage
V
OVLTH
2.3
2.45
2.6
V
See application
circuit
Electrical Characteristics: Thermal Shutdown (Boost and Buck-Converter OFF)
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.5.52
Thermal shutdown junction
temperature
T
jSD
150
175
200
°C
–
4.5.53
Thermal switch-on junction
temperature
T
jSO
120
–
170
°C
–
4.5.54
Temperature hysteresis
∆T
–
30
–
K
–
Electrical Characteristics: Watchdog Generator; WDI (cont’d)
V
CC = 4.75 V to 5.25 V; VBoost = 8 V to 35 V, Tj = -40 °C to +150 °C, RR = 47 kΩ; all voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com