Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TLE 6711
Application Information
Data Sheet
19
Rev. 3.4, 2007-08-16
5
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 12 shows the application circuit of the TLE 6711 G/GL with the suggested external parts.
Figure 12
Application Circuit (pinning valid for PG-DSO-14-1)
AEB02948
12
BOFB
Converter
Boost
BOGND
BOI
13
14
10 BDS
Buck
Converter
8
9
BUO
BOOST
V
7
CC
V
Internal
V
5 SEN
WDI
3
RO
2
OVL
11
Window
Reset
and
Watchdog
Enable
System
GND
and
Oscillator
Generator
Reference
Current
1
R
Biasing
REF
V
BUC 6
Boost
V
BO
V
Batt
L
C
10 µF
C
220 nF
36 V
ZD1
S
D1
2
L
100 µH
DBO
BOOST
C
220 nF
BO2
R
BO1
R
BO1
C
4700 µF
BO2
V
D
Ω
100 k
10 k
Ω
10 nF
BO1
C
10 nF
C
BOT
BOLoad
I
BUC
R
47 k
Ω
470
C
BUC
47 k
Ω
R
R
4
C
220 nF
C
BU1
100 µF
BU2
BU
L
BU
220 µH
D
10 k
Ω
System
Enable
Trigger
Watchdog
Output
Reset
Status
Boost
V
CC
TLE 6711 G
Output
Input
Output
nF
Device Type
Supplier Remarks
B82442-A1104
Infineon
220 µH; 0.24 A; 2.72
D1
D2
DBO
DBU
L BO
L BU
B82442-H1224
-
BAW78B
BAW78C
BAW78C
Infineon
Infineon
-
EPCOS
EPCOS
100 µH; 0.25 A; 1.28
Schottky; 100 V; 1 A
200 V; 1 A; SOT-89
200 V; 1 A; SOT-89
100 V; 1 A; SOT-89
Ω
Ω
Schottky; 40 V; 1 A
multiple
SS14
BO
D
100 µH; 1.2 A; 0.28
Ω
Coilcraft
Do3316P-104
L BO
220 µH; 0.8 A; 0.61
Ω
Do3316P-224
BU
L
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com